Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV7021 Datasheet(PDF) 1 Page - Texas Instruments

Part # TLV7021
Description  TLV7081 Nano-Power, 4-Bump WCSP, Small-Size Comparator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV7021 Datasheet(HTML) 1 Page - Texas Instruments

  TLV7021 Datasheet HTML 1Page - Texas Instruments TLV7021 Datasheet HTML 2Page - Texas Instruments TLV7021 Datasheet HTML 3Page - Texas Instruments TLV7021 Datasheet HTML 4Page - Texas Instruments TLV7021 Datasheet HTML 5Page - Texas Instruments TLV7021 Datasheet HTML 6Page - Texas Instruments TLV7021 Datasheet HTML 7Page - Texas Instruments TLV7021 Datasheet HTML 8Page - Texas Instruments TLV7021 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
+
TLV7081
Lithium
Ion
Battery
PE ASIC
GPIO (
)
1.8V
Regulator
Output
Logic Levels
0V & 1.8V
GPIO (input)
R1
R2
RPU
VS (V)
1.5
2
2.5
3
3.5
4
4.5
5
5.5
100
200
300
400
500
600
is_v
Temp -40°C
Temp 25°C
Temp 85°C
Temp 125°C
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TLV7081
SNOSD69A – MAY 2018 – REVISED JUNE 2018
TLV7081 Nano-Power, 4-Bump WCSP, Small-Size Comparator
1
1 Features
1
•
Wide Supply Voltage Range: 1.7 V to 5.5 V
•
Quiescent Supply Current of 370 nA
•
Low Propagation Delay of 4 µs
•
Open-Drain Output
•
Independent Input Voltage Range up to 5.6 V
•
Internal Hysteresis: 10 mV
•
Temperature Range: –40°C to +125°C
•
Package:
–
0.7 mm × 0.7 mm WCSP (4)
2 Applications
•
Smartphones
•
Notebook PCs and Tablets
•
Optical Modules
•
Digital Cameras
•
Relays and Circuit Breakers
•
Portable Medical Devices
•
Door and Window Sensors
•
Video Game Controllers
3 Description
The
TLV7081
is
a
single-channel,
nano-power
comparator that operates down to 1.7 V. The
comparator is available in an ultra-small, WCSP
package measuring 0.7 mm × 0.7 mm, making the
TLV7081 applicable for space-critical designs like
smartphones and other portable or battery-powered
applications.
The TLV7081 features a wide input-voltage range
that is independent of supply voltage. Having an input
range that is independent of supply voltage allows the
TLV7081 to be directly connected to sources that are
active even if the TLV7081 is not powered.
The TLV7081 has an open-drain output stage that
can be pulled beyond V+, making it appropriate for
level
translators
and
bipolar
to
single-ended
converters.
Device Information (1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TLV7081
WCSP (4)
0.7 mm × 0.7 mm
Small-Size, Low-Power Comparator Family
FAMILY
IQ PER
CHAN
tPD
Output Type
Package
TLV7081
370 nA
4 µs
Open-Drain
WCSP
TLV7031
335 nA
3 µs
Push-Pull
X2SON
TLV7041
335 nA
3 µs
Open-Drain
X2SON
TLV7011
5 µA
260 ns
Push-Pull
X2SON
TLV7021
5 µA
260 ns
Open-Drain
X2SON
(1) For all available packages, see the package option addendum
at the end of the datasheet.
UnderVoltage Detection
IS vs. Supply Voltage


Similar Part No. - TLV7021

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV7021 TI1-TLV7021 Datasheet
995Kb / 18P
Micro-Package, Micro-Power, Low-Voltage Comparators
TLV7021 TI1-TLV7021 Datasheet
1Mb / 33P
Small-Size, Micro-Power, Low-Voltage Comparators
TLV7021 TI1-TLV7021 Datasheet
1Mb / 38P
Small-size, micro-power, low-voltage comparators
TLV7021 TI1-TLV7021 Datasheet
1Mb / 41P
TLV701x and TLV702x Small-Size, Low-Power, Low-Voltage Comparators
TLV7021 TI1-TLV7021 Datasheet
2Mb / 42P
TLV701x and TLV702x Small-Size, Low-Power, Low-Voltage Comparators
More results

Similar Description - TLV7021

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV7081 TI1-TLV7081 Datasheet
409Kb / 18P
Nano-Power, Small-Size, Low-Voltage Comparator
TLV7081 TI1-TLV7081_18 Datasheet
1Mb / 22P
Nano-Power, 4-Bump WCSP, Small-Size Comparator
TLV4021 TI1-TLV4021 Datasheet
635Kb / 21P
Small-Size, Low-Power Comparator with Precision Reference
TLV4021 TI1-TLV4021_19 Datasheet
1Mb / 33P
Small-Size, Low-Power Comparator with Precision Threshold
TLV4021 TI1-TLV4021_V02 Datasheet
1Mb / 33P
TLV40x1 Small-Size, Low-Power Comparator with Precision Threshold
TLV4021 TI-TLV4021_V03 Datasheet
1Mb / 38P
TLV40x1 Small-Size, Low-Power Comparator with Precision Reference
TLV841 TI-TLV841 Datasheet
1Mb / 33P
TLV841 Small Size Nano-Power Voltage Supervisor in WCSP Package
TLV841 TI-TLV841_V01 Datasheet
2Mb / 34P
TLV841 Small Size Nano-Power Voltage Supervisor in WCSP Package
REVISED JULY 2021
TLV4021 TI-TLV4021_V04 Datasheet
2Mb / 36P
TLV40x1 Small-Size, Low-Power Comparator with Precision Reference
DECEMBER 2021
TLV841 TI-TLV841_V02 Datasheet
2Mb / 35P
TLV841 Small Size Nano-Power Voltage Supervisor in WCSP Package
JULY 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com