Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV7021 Datasheet(PDF) 10 Page - Texas Instruments

Part # TLV7021
Description  TLV7081 Nano-Power, 4-Bump WCSP, Small-Size Comparator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV7021 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV7021 Datasheet HTML 6Page - Texas Instruments TLV7021 Datasheet HTML 7Page - Texas Instruments TLV7021 Datasheet HTML 8Page - Texas Instruments TLV7021 Datasheet HTML 9Page - Texas Instruments TLV7021 Datasheet HTML 10Page - Texas Instruments TLV7021 Datasheet HTML 11Page - Texas Instruments TLV7021 Datasheet HTML 12Page - Texas Instruments TLV7021 Datasheet HTML 13Page - Texas Instruments TLV7021 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
IN
V-
V+
+
OUT
V
PULL-UP
V
REF
TLV7081
Bias
POR
10
TLV7081
SNOSD69A – MAY 2018 – REVISED JUNE 2018
www.ti.com
Product Folder Links: TLV7081
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TLV7081 is a single-channel, nano-power comparator that does not need a dedicated power supply
connection, and can operate down to 1.7 V. The comparator is available in an ultra-small, WCSP package
measuring 0.7 mm × 0.7 mm, making the TLV7081 applicable for space-critical designs like smartphones and
other portable or battery-powered applications.
The TLV7081 features a wide input-voltage range that is independent of supply voltage. Having an input range
that is independent of supply voltage allows the TLV7081 to be directly connected to sources that are active
even if the TLV7081 is not powered.
The TLV7081 has an open-drain output stage that can be pulled beyond V+, making it appropriate for level
translators and bipolar to single-ended converters.
7.2 Functional Block Diagram
7.3 Feature Description
The TLV7081 is a single-channel, nano-power comparator that operates down to 1.7 V. The inverting input is
internally tied to V+ which helps to streamline applications which use supply as the reference. The non-inverting
input IN extends to 5.6 V which is independent of the power supply V+ (1.7 V - 5.5 V) and it's available in an
ultra-small, WCSP package measuring 0.7 mm × 0.7 mm.
7.4 Device Functional Modes
The TLV7081 has a power-on-reset (POR) circuit. While the power supply (VS) is greater than VPOR (typically 1V)
and less than the minimum operating supply voltage, either upon ramp-up or ramp-down, the POR circuitry is
activated.
The POR circuit keeps the output high impedance (logical high) while activated.
When the supply voltage is greater than, or equal to, the minimum supply voltage, the comparator output reflects
the state of the input IN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com