Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV7021 Datasheet(PDF) 9 Page - Texas Instruments

Part # TLV7021
Description  TLV7081 Nano-Power, 4-Bump WCSP, Small-Size Comparator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV7021 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV7021 Datasheet HTML 5Page - Texas Instruments TLV7021 Datasheet HTML 6Page - Texas Instruments TLV7021 Datasheet HTML 7Page - Texas Instruments TLV7021 Datasheet HTML 8Page - Texas Instruments TLV7021 Datasheet HTML 9Page - Texas Instruments TLV7021 Datasheet HTML 10Page - Texas Instruments TLV7021 Datasheet HTML 11Page - Texas Instruments TLV7021 Datasheet HTML 12Page - Texas Instruments TLV7021 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
300
350
400
450
500
550
600
is_t
VS = 1.8v
VS = 3.3v
VS = 5v
Hysteresis (mV)
0
5
10
15
20
25
vhys
VS (V)
1.5
2
2.5
3
3.5
4
4.5
5
5.5
100
200
300
400
500
600
is_v
Temp -40°C
Temp 25°C
Temp 85°C
Temp 125°C
Input Offset (mV)
0
5
10
15
20
vos_
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
6.5
7
7.5
8
8.5
9
9.5
10
10.5
11
vhys
VS = 1.8v
VS = 3.3v
VS = 5v
9
TLV7081
www.ti.com
SNOSD69A – MAY 2018 – REVISED JUNE 2018
Product Folder Links: TLV7081
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Typical Characteristics (continued)
TA = 25°C, VS = 3.3 V, RPULL-UP = 4.99 kΩ, CL = 15 pF
Figure 15. Hysteresis vs. Temperature
Distribution Taken from 7,990 Comparators
Figure 16. Input Offset Histogram
Distribution Taken from 7,990 Comparators
Figure 17. Hysteresis Histogram
IN = (V+) - 0.1V (output low), No load.
Figure 18. Supply Current vs. VS
IN = (V+) - 0.1V (output low), No load.
Figure 19. Supply Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com