Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L496QGI3 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STM32L496QGI3
Description  Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 1MB Flash, 320KB SRAM, USB OTG FS, audio, ext. SMPS
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L496QGI3 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STM32L496QGI3 Datasheet HTML 11Page - STMicroelectronics STM32L496QGI3 Datasheet HTML 12Page - STMicroelectronics STM32L496QGI3 Datasheet HTML 13Page - STMicroelectronics STM32L496QGI3 Datasheet HTML 14Page - STMicroelectronics STM32L496QGI3 Datasheet HTML 15Page - STMicroelectronics STM32L496QGI3 Datasheet HTML 16Page - STMicroelectronics STM32L496QGI3 Datasheet HTML 17Page - STMicroelectronics STM32L496QGI3 Datasheet HTML 18Page - STMicroelectronics STM32L496QGI3 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 262 page
background image
DocID029173 Rev 1
15/262
STM32L496xx
Description
60
The STM32L496xx family offers six packages from 64-pin to 169-pin packages.
Table 2. STM32L496xx family device features and peripheral counts
Peripheral
STM32L496Ax
STM32L496Zx STM32L496Qx
STM32L496Vx
STM32L496Rx
Flash memory
512KB
1MB
512KB
1MB
512KB
1MB
512KB
1MB
512KB
1MB
SRAM
320 KB
External memory
controller for static
memories
Yes
Yes
Yes
Yes(1)
No
Quad SPI
Yes
Timers
Advanced
control
2 (16-bit)
General
purpose
5 (16-bit)
2 (32-bit)
Basic
2 (16-bit)
Low power
2 (16-bit)
SysTick
timer
1
Watchdog
timers
(independen
, window)
2
Comm.
interfaces
SPI
3
I2C4
USART
UART
LPUART
3
2
1
SAI
2
CAN
2
USB OTG
FS
Yes
SDMMC
Yes
SWPMI
Yes
Digital filters for sigma-
delta modulators
Yes (4 filters)
Number of channels
8
RTC
Yes
Tamper pins
3
Camera interface
Yes
Yes(2)
Chrom-ART
Accelerator™
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com