Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5271IPFP Datasheet(PDF) 3 Page - Texas Instruments

Part # ADS5271IPFP
Description  8-Channel, 12-Bit, 50MSPS Analog-to-Digital Converter with Serial LVDS Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5271IPFP Datasheet(HTML) 3 Page - Texas Instruments

  ADS5271IPFP Datasheet HTML 1Page - Texas Instruments ADS5271IPFP Datasheet HTML 2Page - Texas Instruments ADS5271IPFP Datasheet HTML 3Page - Texas Instruments ADS5271IPFP Datasheet HTML 4Page - Texas Instruments ADS5271IPFP Datasheet HTML 5Page - Texas Instruments ADS5271IPFP Datasheet HTML 6Page - Texas Instruments ADS5271IPFP Datasheet HTML 7Page - Texas Instruments ADS5271IPFP Datasheet HTML 8Page - Texas Instruments ADS5271IPFP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
RECOMMENDED OPERATING CONDITIONS
ADS5271
www.ti.com...................................................................................................................................................... SBAS313C – JUNE 2004 – REVISED JANUARY 2009
ADS5271
MIN
TYP
MAX
UNITS
SUPPLIES AND REFERENCES
Analog Supply Voltage, AVDD
3.0
3.3
3.6
V
Output Driver Supply Voltage, LVDD
3.0
3.3
3.6
V
REFT — External Reference Mode
1.825
1.95
2.0
V
REFB — External Reference Mode
0.9
0.95
1.075
V
REFCM = (REFT + REFB )/ 2 — External Reference Mode
(1)
VCM ± 50mV
V
Reference = (REFT – REFB ) — External Reference Mode
0.75
1.0
1.1
V
Analog Input Common-Mode Range(1)
VCM ± 50mV
V
CLOCK INPUT AND OUTPUTS
ADCLK Input Sample Rate (low-voltage TTL)
20
50
MSPS
ADCLK Duty Cycle
45
55
%
Low-Level Voltage Clock Input
0.6
V
High-Level Voltage Clock Input
2.2
V
ADCLKP and ADCLKN Outputs (LVDS)
20
50
MHz
LCLKP and LCLKN Outputs (LVDS)
(2)
120
300
MHz
Operating Free-Air Temperature, TA
–40
+85
°C
Thermal Characteristics:
θ
JA
19.4
°C/W
θ
JC
4.2
°C/W
(1)
These voltages need to be set to 1.45V ±50mV if they are derived independent of VCM.
(2)
6 × ADCLK.
Copyright © 2004–2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): ADS5271



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com