Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5271IPFP Datasheet(PDF) 4 Page - Texas Instruments

Part # ADS5271IPFP
Description  8-Channel, 12-Bit, 50MSPS Analog-to-Digital Converter with Serial LVDS Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5271IPFP Datasheet(HTML) 4 Page - Texas Instruments

  ADS5271IPFP Datasheet HTML 1Page - Texas Instruments ADS5271IPFP Datasheet HTML 2Page - Texas Instruments ADS5271IPFP Datasheet HTML 3Page - Texas Instruments ADS5271IPFP Datasheet HTML 4Page - Texas Instruments ADS5271IPFP Datasheet HTML 5Page - Texas Instruments ADS5271IPFP Datasheet HTML 6Page - Texas Instruments ADS5271IPFP Datasheet HTML 7Page - Texas Instruments ADS5271IPFP Datasheet HTML 8Page - Texas Instruments ADS5271IPFP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
ELECTRICAL CHARACTERISTICS
ADS5271
SBAS313C – JUNE 2004 – REVISED JANUARY 2009...................................................................................................................................................... www.ti.com
TMIN = –40°C and TMAX = +85°C. Typical values are at TA = +25°C, clock frequency = maximum specified, 50% clock duty
cycle, AVDD = 3.3V, LVDD = 3.3V, –1dBFS, ISET = 56.2kΩ, internal voltage reference, and LVDS buffer current at 3.5mA per
channel, unless otherwise noted.
ADS5271
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
DC ACCURACY
No Missing Codes
Tested
DNL Differential Nonlinearity
fIN = 5MHz
–0.9
±0.5
+0.9
LSB
INL Integral Nonlinearity
fIN = 5MHz
–2.0
±0.6
+2.0
LSB
Offset Error(1)
–0.75
+0.75
%FS
Offset Temperature Coefficient
±6
ppm/°C
Fixed Attenuation in Channel(2)
1.5
%FS
Fixed Attenuation Matching Across Channels
0.01
0.2
dB
Gain Error/Reference Error(3)
VREFT – VREFB
–2.5
±1.0
+2.5
%FS
Gain Error Temperature Coefficient
±20
ppm/°C
POWER REQUIREMENTS(4)
Internal Reference
Power Dissipation
Analog Only (AVDD)
743
792
mW
Output Driver (LVDD)
184
208
mW
Total Power Dissipation
927
1000
mW
External Reference
Power Dissipation
Analog Only (AVDD)
677
mW
Output Driver (LVDD)
184
mW
Total Power Dissipation
861
mW
Power-Down
Clock Running
92
149
mW
REFERENCE VOLTAGES
VREFT Reference Top (internal)
1.9
1.95
2.0
V
VREFB Reference Bottom (internal)
0.9
0.95
1.0
V
VCM Common-Mode Voltage
1.4
1.45
1.5
V
VCM Output Current
(5)
±50mV Change in Voltage
±2.0
mA
VREFT Reference Top (external)
1.825
1.95
2.0
V
VREFB Reference Bottom (external)
0.9
0.95
1.075
V
External Reference Common-Mode
VCM ± 50mV
mV
External Reference Input Current(6)
1.0
mA
(1)
Offset error is the deviation of the average code from mid-code with –1dBFS sinusoid from ideal mid-code (2048). Offset error is
expressed in terms of % of full-scale.
(2)
Fixed attenuation in the channel arises due to a fixed attenuation in the sample-and-hold amplifier. When the differential voltage at the
analog input pins are changed from –VREF to +VREF, the swing of the output code is expected to deviate from the full-scale code
(4096LSB) by the extent of this fixed attenuation. NOTE: VREF is defined as (REFT – REFB).
(3)
The reference voltages are trimmed at production so that (VREFT – VREFB) is within ± 25mV of the ideal value of 1V. This specification
does not include fixed attenuation.
(4)
Supply current can be calculated from dividing the power dissipation by the supply voltage of 3.3V.
(5)
VCM provides the common-mode current for the inputs of all eight channels when the inputs are ac-coupled. The VCM output current
specified is the additional drive of the VCM buffer if loaded externally.
(6)
Average current drawn from the reference pins in the external reference mode.
4
Submit Documentation Feedback
Copyright © 2004–2009, Texas Instruments Incorporated
Product Folder Link(s): ADS5271



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com