Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8370IBRHPR Datasheet(PDF) 2 Page - Texas Instruments

Part # ADS8370IBRHPR
Description  16-BIT, 600-kHz, PSEUDO-DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS8370IBRHPR Datasheet(HTML) 2 Page - Texas Instruments

  ADS8370IBRHPR Datasheet HTML 1Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 2Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 3Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 4Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 5Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 6Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 7Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 8Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
ADS8370
SLAS450 – JUNE 2005
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION(1)
MAXIMUM
MAXIMUM
NO MISSING
TRANSPORT
INTEGRAL
DIFFERENTIAL
CODES
PACKAGE
PACKAGE
TEMPERATURE
ORDERING
MODEL
MEDIA
LINEARITY
LINEARITY
RESOLUTION
TYPE
DESIGNATOR
RANGE
INFORMATION
QUANTITY
(LSB)
(LSB)
(BIT)
Small Tape and
ADS8370IRHPT
reel 250
28 Pin
ADS8370I
±2
–1/1.5
16
RHP
–40°C to 85°C
6×6 QFN
Tape and reel
ADS8370IRHPR
2500
Small Tape and
ADS8370IBRHPT
reel 250
28 Pin
ADS8370IB
±1.25
±0.75
16
RHP
–40°C to 85°C
6×6 QFN
Tape and reel
ADS8370IBRHPR
2500
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
over operating free-air temperature range unless otherwise noted(1)
UNIT
+IN to AGND
–0.3 V to +VA + 0.3 V
–IN to AGND
–0.3 V to +VA + 0.3 V
Voltage
+VA to AGND
–0.3 V to 6 V
+VBD to BDGND
–0.3 V to 6 V
Digital input voltage to BDGND
–0.3 V to +VBD + 0.3 V
Digital input voltage to +VA
+0.3 V
Operating free-air temperature range, TA
–40°C to 85°C
Storage temperature range, Tstg
–65°C to 150°C
Junction temperature (TJ max)
150°C
Power dissipation
(TJmax – TA)/θJA
QFN package
θ
JA thermal impedance
86°C/W
Vapor phase (60 sec)
215°C
Lead temperature, soldering
Infrared (15 sec)
220°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com