Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8370IBRHPR Datasheet(PDF) 13 Page - Texas Instruments

Part # ADS8370IBRHPR
Description  16-BIT, 600-kHz, PSEUDO-DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS8370IBRHPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS8370IBRHPR Datasheet HTML 9Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 10Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 11Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 12Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 13Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 14Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 15Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 16Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
www.ti.com
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
−40 −25 −10
5
20
35
50
65
80
MAX
MIN
TA − Free-Air-Temperature − 5C
+VA = 5 V,
+VBD = 5 V,
REFIN = 4.096 V
4.066
4.076
4.086
4.096
4.106
4.116
4.126
−40 −25 −10
5
20
35
50
65
80
80
TA − Free-Air Temperature − °C
+VA = 5 V,
+VBD = 5 V,
4.066
4.076
4.086
4.096
4.106
4.116
4.126
4.75
5
5.25
+VA − Analog Supply Voltage − V
+VBD = 5 V,
TA = 25°C
4.5
5
5.5
6
6.5
7
7.5
8
8.5
9
9.5
5
10
15
20
+VBD = 2.7 V
+VBD = 5 V
CL − Load Capacitance − pF
+VA = 5 V,
TA = 85°C
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
0
16384
32768
49152
65536
Code
+VA = 5 V, +VBD = 5 V,
REFIN = 4.096 V,
fS = 600 KSPS,
TA = 25°C
(Straight Binary Code in Decimal)
ADS8370
SLAS450 – JUNE 2005
TYPICAL CHARACTERISTICS (continued)
INTEGRAL NONLINEARITY
INTERNAL VOLTAGE REFERENCE
vs
vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
Figure 30.
Figure 31.
INTERNAL VOLTAGE REFERENCE
DELAY TIME
vs
vs
SUPPLY VOLTAGE
LOAD CAPACITANCE
Figure 32.
Figure 33.
DIFFERENTIAL NONLINEARITY
Figure 34.
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com