Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7641FC Datasheet(PDF) 9 Page - Texas Instruments

Part # ISO7641FC
Description  ISO76x1 Low-Power Triple and Quad-Channels Digital Isolators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7641FC Datasheet(HTML) 9 Page - Texas Instruments

Back Button ISO7641FC Datasheet HTML 5Page - Texas Instruments ISO7641FC Datasheet HTML 6Page - Texas Instruments ISO7641FC Datasheet HTML 7Page - Texas Instruments ISO7641FC Datasheet HTML 8Page - Texas Instruments ISO7641FC Datasheet HTML 9Page - Texas Instruments ISO7641FC Datasheet HTML 10Page - Texas Instruments ISO7641FC Datasheet HTML 11Page - Texas Instruments ISO7641FC Datasheet HTML 12Page - Texas Instruments ISO7641FC Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
9
ISO7631FM, ISO7631FC, ISO7641FC
www.ti.com
SLLSEC3F – SEPTEMBER 2012 – REVISED APRIL 2016
Product Folder Links: ISO7631FM ISO7631FC ISO7641FC
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
7.12 Supply Current Characteristics: VCC1 at 5 V ± 10% and VCC2 at 3.3 V ± 10%
VCC1 at 5 V ± 10% and VCC2 at 3.3 V ± 10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
M-Grade
C-Grade
UNIT
MIN
TYP
MAX
MIN
TYP MAX
ISO7631F
ICC1
Disable
EN1 = EN2 = 0 V
2.5
4
1.1
1.9
mA
ICC2
2.7
3.7
0.7
1.3
mA
ICC1
DC to 1 Mbps
DC Signal: VI = VCC or 0 V
AC Signal: All channels switching with square
wave clock input; CL = 15 pF
2.6
4.1
1.8
2.7
mA
ICC2
2.8
3.8
1.8
2.6
mA
ICC1
10 Mbps
3.3
4.5
2.7
3.7
mA
ICC2
3.5
4.6
2.6
3.5
mA
ICC1
25 Mbps
4.5
6
4.1
5.4
mA
ICC2
4.7
5.9
3.8
5
mA
ICC1
150 Mbps
15
19.5
Not Applicable
mA
ICC2
14.6
19
Not Applicable
mA
ISO7641F
ICC1
Disable
EN1 = EN2 = 0 V
1.2
2.1
mA
ICC2
0.8
1.3
mA
ICC1
DC to 1 Mbps
DC Signal: VI = VCC or 0 V,
AC Signal: All channels switching with square
wave clock input; CL = 15 pF
1.8
2.8
mA
ICC2
2
2.9
mA
ICC1
10 Mbps
3
4
mA
ICC2
3.2
4.1
mA
ICC1
25 Mbps
4.8
6
mA
ICC2
5.1
7
mA
7.13 Supply Current Characteristics: VCC1 at 3.3 V ± 10% and VCC2 at 5 V ± 10%
VCC1 at 3.3 V ± 10% and VCC2 at 5 V ± 10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
M-Grade
C-Grade
UNIT
MIN
TYP
MAX
MIN
TYP MAX
ISO7631F
ICC1
Disable
EN1 = EN2 = 0 V
1.8
2.8
0.6
1.1
mA
ICC2
3.7
5.4
1.5
2.6
mA
ICC1
DC to 1 Mbps
DC Signal: VI = VCC or 0 V
AC Signal: All channels switching with square
wave clock input; CL = 15 pF
1.9
2.9
1.2
1.8
mA
ICC2
3.8
5.5
2.6
3.9
mA
ICC1
10 Mbps
2.4
3.4
1.8
2.6
mA
ICC2
4.9
6.6
3.9
5.3
mA
ICC1
25 Mbps
3.2
4.2
2.7
3.6
mA
ICC2
6.8
9
5.9
7.8
mA
ICC1
150 Mbps
9.3
12.5
Not Applicable
mA
ICC2
22
30
Not Applicable
mA
ISO7641F
ICC1
Disable
EN1 = EN2 = 0 V
0.7
1.1
mA
ICC2
1.6
2.6
mA
ICC1
DC to 1 Mbps
DC Signal: VI = VCC or 0 V,
AC Signal: All channels switching with square
wave clock input; CL = 15 pF
1.2
1.9
mA
ICC2
3.1
4.2
mA
ICC1
10 Mbps
2
2.8
mA
ICC2
4.9
6.1
mA
ICC1
25 Mbps
3.1
4
mA
ICC2
7.7
9.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com