Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7641FC Datasheet(PDF) 11 Page - Texas Instruments

Part # ISO7641FC
Description  ISO76x1 Low-Power Triple and Quad-Channels Digital Isolators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7641FC Datasheet(HTML) 11 Page - Texas Instruments

Back Button ISO7641FC Datasheet HTML 7Page - Texas Instruments ISO7641FC Datasheet HTML 8Page - Texas Instruments ISO7641FC Datasheet HTML 9Page - Texas Instruments ISO7641FC Datasheet HTML 10Page - Texas Instruments ISO7641FC Datasheet HTML 11Page - Texas Instruments ISO7641FC Datasheet HTML 12Page - Texas Instruments ISO7641FC Datasheet HTML 13Page - Texas Instruments ISO7641FC Datasheet HTML 14Page - Texas Instruments ISO7641FC Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
11
ISO7631FM, ISO7631FC, ISO7641FC
www.ti.com
SLLSEC3F – SEPTEMBER 2012 – REVISED APRIL 2016
Product Folder Links: ISO7631FM ISO7631FC ISO7641FC
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
(1)
Also known as Pulse Skew.
(2)
tsk(o) is the skew between outputs of a single device with all driving inputs connected together and the outputs switching in the same
direction while driving identical loads.
(3)
tsk(pp) is the magnitude of the difference in propagation delay times between any terminals of different devices switching in the same
direction while operating at identical supply voltages, temperature, input signals and loads.
(4)
The enable signal rate for C-grade devices should be
≤ 45 Kbps.
7.16 Switching Characteristics: VCC1 and VCC2 at 5 V ± 10%
VCC1 and VCC2 at 5 V ± 10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
M-Grade
C-Grade
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
ISO7631F, ISO7641F
tPLH, tPHL
Propagation delay time
See Figure 16
3.5
7
10.5
11
17
28
ns
PWD(1)
Pulse width distortion |tPHL – tPLH|
See Figure 16
2
3
ns
tsk(o)
(2)
Channel-to-channel output skew time
Same-direction Channels
2
3
ns
Opposite-direction Channels
3
4
tsk(pp)
(3)
Part-to-part skew time
4.5
13
ns
tr
Output signal rise time
See Figure 16
1.6
2.8
ns
tf
Output signal fall time
See Figure 16
1
2.9
ns
tPHZ
Disable Propagation Delay, high-to-high
impedance output
See Figure 17
5
16
8
20
ns
tPLZ
Disable Propagation Delay, low-to-high
impedance output
See Figure 17
5
16
7
20
ns
tPZH
Enable Propagation Delay, high
impedance-to-high output
See Figure 17
4
16
11000
22000(4)
ns
tPZL
Enable Propagation Delay, high
impedance-to-low output
See Figure 17
4
16
8
20
ns
tfs
Fail-safe output delay time from input
data or power loss
See Figure 18
9.5
9
μs
(1)
Also known as Pulse Skew.
(2)
tsk(o) is the skew between outputs of a single device with all driving inputs connected together and the outputs switching in the same
direction while driving identical loads.
(3)
tsk(pp) is the magnitude of the difference in propagation delay times between any terminals of different devices switching in the same
direction while operating at identical supply voltages, temperature, input signals and loads.
(4)
The enable signal rate for C-grade devices should be
≤ 45 Kbps.
7.17 Switching Characteristics: VCC1 at 5 V ± 10% and VCC2 at 3.3 V ± 10%
VCC1 at 5 V ± 10% and VCC2 at 3.3 V ± 10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
M-Grade
C-Grade
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
ISO7631F, ISO7641F
tPLH, tPHL
Propagation delay time
See Figure 16
4
8
13
11
18
32
ns
PWD(1)
Pulse width distortion |tPHL – tPLH|
See Figure 16
2
3.5
ns
tsk(o)
(2)
Channel-to-channel output skew time
Same-direction Channels
2.5
4.5
ns
Opposite-direction Channels
3.5
5.5
tsk(pp)
(3)
Part-to-part skew time
6
15
ns
tr
Output signal rise time
See Figure 16
2
3.6
ns
tf
Output signal fall time
See Figure 16
1.2
3.3
ns
tPHZ
Disable Propagation Delay, high-to-
high impedance output
See Figure 17
6.5
17
9
20
ns
tPLZ
Disable Propagation Delay, low-to-
high impedance output
See Figure 17
6.5
17
8
20
ns
tPZH
Enable Propagation Delay, high
impedance-to-high output
See Figure 17
5.5
17
11000
22000(4)
ns
tPZL
Enable Propagation Delay, high
impedance-to-low output
See Figure 17
5.5
17
10
30
ns
tfs
Fail-safe output delay time from input
data or power loss
See Figure 18
9.5
8.5
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com