Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2623AMM/NOPB.B Datasheet(PDF) 2 Page - Texas Instruments

Part # LM2623AMM/NOPB.B
Description  LM2623 General-Purpose, Gated-Oscillator-Based DC-DC Boost Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2623AMM/NOPB.B Datasheet(HTML) 2 Page - Texas Instruments

  LM2623AMM/NOPB.B Datasheet HTML 1Page - Texas Instruments LM2623AMM/NOPB.B Datasheet HTML 2Page - Texas Instruments LM2623AMM/NOPB.B Datasheet HTML 3Page - Texas Instruments LM2623AMM/NOPB.B Datasheet HTML 4Page - Texas Instruments LM2623AMM/NOPB.B Datasheet HTML 5Page - Texas Instruments LM2623AMM/NOPB.B Datasheet HTML 6Page - Texas Instruments LM2623AMM/NOPB.B Datasheet HTML 7Page - Texas Instruments LM2623AMM/NOPB.B Datasheet HTML 8Page - Texas Instruments LM2623AMM/NOPB.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
2
LM2623
SNVS188I – MAY 2004 – REVISED OCTOBER 2017
www.ti.com
Product Folder Links: LM2623
Submit Documentation Feedback
Copyright © 2004–2017, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration And Functions ........................ 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 4
6.5
Electrical Characteristics........................................... 5
6.6
Typical Characteristics .............................................. 5
7
Detailed Description .............................................. 7
7.1
Overview ................................................................... 7
7.2
Functional Block Diagram ......................................... 7
7.3
Feature Description................................................... 7
7.4
Device Functional Modes.......................................... 9
8
Applications And Implementation...................... 10
8.1
Application Information............................................ 10
8.2
Typical Application .................................................. 10
9
Power Supply Recommendations ...................... 12
10
Layout................................................................... 12
10.1
Layout Guidelines ................................................. 12
10.2
Layout Example .................................................... 13
10.3
WSON Package Devices ...................................... 13
11
Device And Documentation Support................. 14
11.1
Device Support...................................................... 14
11.2
Documentation Support ........................................ 14
11.3
Receiving Notification of Documentation Updates 14
11.4
Community Resources.......................................... 14
11.5
Trademarks ........................................................... 14
11.6
Electrostatic Discharge Caution ............................ 14
11.7
Glossary ................................................................ 14
12
Mechanical, Packaging, And Orderable
Information ........................................................... 14
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision H (November 2014) to Revision I
Page
•
Changed Handling Ratings table to ESD Ratings to comply with current format .................................................................. 4
•
Moved Storage temperature spec to Abs Max table ............................................................................................................. 4
•
Added separate row for SW pin HBM ESD rating ................................................................................................................. 4
•
Added condition to Recommended Operating Conditions table ............................................................................................ 4
•
Changed Updated RθJA value for NHE package from "40 – 56" to "46.5"°C/W and DGK package from "240" to
152.5" °C/W; added additional thermal information................................................................................................................ 4
Changes from Revision G (December 2005) to Revision H
Page
•
Added Device Information and Handling Rating tables, Feature Description, Device Functional Modes, Application
and Implementation, Power Supply Recommendations, Layout, Device and Documentation Support, and
Mechanical, Packaging, and Orderable Information sections; moved some curves to Application Curves section .............. 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com