Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2623AMM/NOPB.B Datasheet(PDF) 10 Page - Texas Instruments

Part # LM2623AMM/NOPB.B
Description  LM2623 General-Purpose, Gated-Oscillator-Based DC-DC Boost Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2623AMM/NOPB.B Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM2623AMM/NOPB.B Datasheet HTML 6Page - Texas Instruments LM2623AMM/NOPB.B Datasheet HTML 7Page - Texas Instruments LM2623AMM/NOPB.B Datasheet HTML 8Page - Texas Instruments LM2623AMM/NOPB.B Datasheet HTML 9Page - Texas Instruments LM2623AMM/NOPB.B Datasheet HTML 10Page - Texas Instruments LM2623AMM/NOPB.B Datasheet HTML 11Page - Texas Instruments LM2623AMM/NOPB.B Datasheet HTML 12Page - Texas Instruments LM2623AMM/NOPB.B Datasheet HTML 13Page - Texas Instruments LM2623AMM/NOPB.B Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
SW
4.7pF
C3
4.7PH
L1
FREQ
7
2
6
4
8
3
1
PGND
SGND
BOOT
EN
FB
D1
3A
5V
RF2
100k
C1
22PF
V
IN
2 Cells
R3
150k
RF1
300k
+
V
DD
LM2623
C2
100PF
tant
5
10
LM2623
SNVS188I – MAY 2004 – REVISED OCTOBER 2017
www.ti.com
Product Folder Links: LM2623
Submit Documentation Feedback
Copyright © 2004–2017, Texas Instruments Incorporated
8 Applications And Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LM2623 features a shutdown mode, entry into the shutdown mode is controlled by the active-low logic input
pin EN (pin 2). When the logic input to this pin is pulled below 0.15 VDD, the device goes into shutdown mode.
The logic input to this pin should be above 0.7 VDD for the device to work in normal start-up mode.
8.2 Typical Application
Figure 9. LM2623 Typical Application
8.2.1 Design Requirements
The LM2623 allows the designer to vary output voltage, operating frequency and duty cycle to optimize the part
performance, please read Detailed Design Procedure for details.
8.2.2 Detailed Design Procedure
8.2.2.1 Non-Linear Effect
The LM2623 is very similar to the LM2621. The LM2623 is based on the LM2621, except for the fact that the
LM2623 takes advantage of a non-linear effect that allows for the duty cycle to be programmable. The C3
capacitor is used to dump charge on the FREQ pin in order to manipulate the duty cycle of the internal oscillator.
The part is being tricked to behave in a certain manner, in the effort to make this Pulse Frequency Modulated
(PFM) boost switching regulator behave as a Pulse Width Modulated (PWM) boost switching regulator.
8.2.2.2 Choosing The Correct C3 Capacitor
The C3 capacitor allows for the duty cycle of the internal oscillator to be programmable. Choosing the correct C3
capacitor to get the appropriate duty cycle for a particular application circuit is a trial and error process. The non-
linear effect that C3 produces is dependent on the input voltage and output voltage values. The correct C3
capacitor for particular input and output voltage values cannot be calculated. Choosing the correct C3
capacitance is best done by trial and error, in conjunction with the checking of the inductor peak current to make
sure your not too close to the current limit of the device. As the C3 capacitor value increases, so does the duty
cycle. And conversely as the C3 capacitor value decreases, the duty cycle decreases. An incorrect choice of the
C3 capacitor can result in the part prematurely tripping the current limit and/or double pulsing, which could lead
to the output voltage not being stable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com