Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2623AMM/NOPB.B Datasheet(PDF) 3 Page - Texas Instruments

Part # LM2623AMM/NOPB.B
Description  LM2623 General-Purpose, Gated-Oscillator-Based DC-DC Boost Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2623AMM/NOPB.B Datasheet(HTML) 3 Page - Texas Instruments

  LM2623AMM/NOPB.B Datasheet HTML 1Page - Texas Instruments LM2623AMM/NOPB.B Datasheet HTML 2Page - Texas Instruments LM2623AMM/NOPB.B Datasheet HTML 3Page - Texas Instruments LM2623AMM/NOPB.B Datasheet HTML 4Page - Texas Instruments LM2623AMM/NOPB.B Datasheet HTML 5Page - Texas Instruments LM2623AMM/NOPB.B Datasheet HTML 6Page - Texas Instruments LM2623AMM/NOPB.B Datasheet HTML 7Page - Texas Instruments LM2623AMM/NOPB.B Datasheet HTML 8Page - Texas Instruments LM2623AMM/NOPB.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
3
LM2623
www.ti.com
SNVS188I – MAY 2004 – REVISED OCTOBER 2017
Product Folder Links: LM2623
Submit Documentation Feedback
Copyright © 2004–2017, Texas Instruments Incorporated
5 Pin Configuration And Functions
NHE Package
14-Pin WSON
Top View
DGK Package
8-Pin VSSOP
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
WSON
VSSOP
NAME
1
—
NC
N/A
No Connect
2, 3
1
PGND
GND
Power Ground (WSON Pins 2 and 3 must be shorted together).
4
2
EN
Digital
Active-Low Shutdown Input
5
3
FREQ
Analog
Frequency Adjust. An external resistor connected between this pin and a
voltage source sets the switching frequency of the LM2623.
6
4
FB
Analog
Output Voltage Feedback
7
—
NC
N/A
No Connect
8
—
NC
N/A
No connect
9
5
SGND
GND
Signal Ground
10
6
VDD
Power
Power Supply for Internal Circuitry
11
7
BOOT
Analog
Bootstrap Supply for the Gate Drive of Internal MOSFET Power Switch
12, 13
8
SW
Analog
Drain of the Internal MOSFET Power Switch. (WSON pins 12 and 13 must
be shorted together.)
14
—
NC
N/A
No Connect
DAP
—
DAP
Thermal
To be soldered to board for enhanced thermal dissipation. To be
electrically isolated/floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com