Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2623AMM/NOPB.B Datasheet(PDF) 4 Page - Texas Instruments

Part # LM2623AMM/NOPB.B
Description  LM2623 General-Purpose, Gated-Oscillator-Based DC-DC Boost Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2623AMM/NOPB.B Datasheet(HTML) 4 Page - Texas Instruments

  LM2623AMM/NOPB.B Datasheet HTML 1Page - Texas Instruments LM2623AMM/NOPB.B Datasheet HTML 2Page - Texas Instruments LM2623AMM/NOPB.B Datasheet HTML 3Page - Texas Instruments LM2623AMM/NOPB.B Datasheet HTML 4Page - Texas Instruments LM2623AMM/NOPB.B Datasheet HTML 5Page - Texas Instruments LM2623AMM/NOPB.B Datasheet HTML 6Page - Texas Instruments LM2623AMM/NOPB.B Datasheet HTML 7Page - Texas Instruments LM2623AMM/NOPB.B Datasheet HTML 8Page - Texas Instruments LM2623AMM/NOPB.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4
LM2623
SNVS188I – MAY 2004 – REVISED OCTOBER 2017
www.ti.com
Product Folder Links: LM2623
Submit Documentation Feedback
Copyright © 2004–2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
If Military/Aerospace specified devices are required, contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
The maximum power dissipation must be derated at elevated temperatures and is dictated by Tjmax (maximum junction temperature),
RθJA (junction-to-ambient thermal resistance), and TA (ambient temperature). The maximum allowable power dissipation at any
temperature is Pdmax = (Tjmax – TA) / RθJA or the number given in the Absolute Maximum Ratings, whichever is lower.
6 Specifications
6.1 Absolute Maximum Ratings
(1) (2)
MIN
MAX
UNIT
SW pin voltage
–0.5
14.5
V
BOOT, VDD, EN and FB pins
–0.5
10
V
FREQ pin
100
µA
TJmax
(3)
150
°C
Lead temp. (soldering, 5 sec)
260
°C
Power dissipation (TA=25°C)
(3)
500
mW
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human-body model (HBM), per
ANSI/ESDA/JEDEC JS-001(1)
All pins except SW pin
±2000
V
SW pin (VSSOP package pin 8)
(WSON package pin 12 and pin
13)
±1000
Charged-device model (CDM), per JEDEC
specification JESD22-C101(2)
All pins
±500
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VDD pin
3
5
V
FB, EN pins
0
VDD
BOOT pin
0
10
V
Ambient temperature (TA)
−40
85
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
LM2623
UNIT
NHE (WSON)
DGK (VSSOP
14 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
46.5
152.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
37.7
53.9
°C/W
RθJB
Junction-to-board thermal resistance
23.6
73.2
°C/W
ψJT
Junction-to-top characterization parameter
0.4
5.5
°C/W
ψJB
Junction-to-board characterization parameter
23.8
72.0
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
4.6
N/A
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com