Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3555 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM3555
Description  LM3555 Synchronous Boost Converter With 500-mA High-Side LED Driver and Dual-Mode Control Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3555 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM3555 Datasheet HTML 2Page - Texas Instruments LM3555 Datasheet HTML 3Page - Texas Instruments LM3555 Datasheet HTML 4Page - Texas Instruments LM3555 Datasheet HTML 5Page - Texas Instruments LM3555 Datasheet HTML 6Page - Texas Instruments LM3555 Datasheet HTML 7Page - Texas Instruments LM3555 Datasheet HTML 8Page - Texas Instruments LM3555 Datasheet HTML 9Page - Texas Instruments LM3555 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
6
LM3555
SNVS594G – DECEMBER 2008 – REVISED APRIL 2016
www.ti.com
Product Folder Links: LM3555
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Unless otherwise specified: typical limits are for TA = 25°C; minimum and maximum limits apply over the full operating
ambient temperature range (
−30°C ≤ TA ≤ +85°C); VIN = 3.6 V.
(1)(2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(3)
TA (minimum) = 0°C to account for self-heating. Current Limit specification uses VIN (maximum) = 4 V to account for the input voltage
range where current limit could be reached based upon the maximum application specifications for output voltage and diode current.
Operation above 4 V and up to 5.5 V is allowed and must not reach current limit.
ILIM
Peak current limit
2.7 V
≤ VIN ≤ 5.5 V
(3)
Current limit register
value = 00
1.183
1.250
1.55
A
Current limit register
value = 01
1.417
1.500
1.781
Current limit register
value = 10
1.512
1.750
2.025
Current limit register
value = 11
1.805
2
2.267
OSCILLATOR AND TIMING SPECIFICATIONS (NON-I2C INTERFACE TIMING)
ƒSW
Switching frequency
2.7 V
≤ VIN ≤ 5.5 V
1.91
(
−4.5%)
2
2.15
(7.5%)
MHz
tHW
Hardware flash timeout
Default timer
850
msec
tRU
Current ramp-up time
ILED = 0mA to ILED = fullscale,
VOUT = 6.5 V, VLED = 6.2 V
0.6
1
msec
tRD
Current ramp down time
ILED = fullscale to ILED = 0 mA
VOUT = 6.5 V, VLED = 6.2 V
0.2
0.5
msec
tTORCH-DG
Torch deglitching time
6.3
9
11.7
msec
CONTROL INTERFACE VOLTAGE SPECIFICATIONS
VI2C/EN
I2C/EN pin voltage
threshold
2.7 V
≤ VIN ≤ 5.5 V
Simple mode
0.54
V
I2C mode
1.26
VIL
Low-level threshold
voltage (SCL/EN1 and
SDA/EN2)
2.7 V
≤ VIN ≤ 5.5 V
0.54
V
VIH
High-level threshold
voltage (SCL/EN1 and
SDA/EN2)
2.7 V
≤ VIN ≤ 5.5 V
1.26
V
VOL
Low-level output
threshold limit
(SDA/EN2)
ILOAD = 3 mA
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com