Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3555 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM3555
Description  LM3555 Synchronous Boost Converter With 500-mA High-Side LED Driver and Dual-Mode Control Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3555 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM3555 Datasheet HTML 3Page - Texas Instruments LM3555 Datasheet HTML 4Page - Texas Instruments LM3555 Datasheet HTML 5Page - Texas Instruments LM3555 Datasheet HTML 6Page - Texas Instruments LM3555 Datasheet HTML 7Page - Texas Instruments LM3555 Datasheet HTML 8Page - Texas Instruments LM3555 Datasheet HTML 9Page - Texas Instruments LM3555 Datasheet HTML 10Page - Texas Instruments LM3555 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
7
LM3555
www.ti.com
SNVS594G – DECEMBER 2008 – REVISED APRIL 2016
Product Folder Links: LM3555
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
6.6 Control Interface Timing Requirements
MIN
NOM
MAX
UNIT
TI2C-Start
I2C logic start-up time (I2C/EN going high)
250
500
µsec
ƒSCL
SCL clock frequency
400
kHz
tI2C
I2C hang-up time
35
msec
tLOW
Low Period of SCL clock
1.3
µsec
tHIGH
High Period of SCL clock
0.6
µsec
tHD-STA
Hold Time (repeated) START condition
0.6
µsec
tSU-STA
Setup time for a repeated START condition
0.6
µsec
tHD-DAT
Data hold time
0
µsec
tSU-DAT
Data setup time
100
nsec
tR
Rise time for SCL and SDA
300
nsec
tF
Fall time for SCL and SDA
300
nsec
tSU-STO
Setup time for stop condition
0.6
µsec
tBUF
Bus free time between stop and start condition
1.3
µsec
tVD-DAT
Data valid time
0.9
µsec
tVD-ACK
Data valid acknowledge time
0.9
µsec
CB
Capacitive load for each bus line
20 + 0.1 ×
CB
400
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com