Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3555 Datasheet(PDF) 10 Page - Texas Instruments

Part # LM3555
Description  LM3555 Synchronous Boost Converter With 500-mA High-Side LED Driver and Dual-Mode Control Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3555 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM3555 Datasheet HTML 6Page - Texas Instruments LM3555 Datasheet HTML 7Page - Texas Instruments LM3555 Datasheet HTML 8Page - Texas Instruments LM3555 Datasheet HTML 9Page - Texas Instruments LM3555 Datasheet HTML 10Page - Texas Instruments LM3555 Datasheet HTML 11Page - Texas Instruments LM3555 Datasheet HTML 12Page - Texas Instruments LM3555 Datasheet HTML 13Page - Texas Instruments LM3555 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
VIN (V)
2.25
2.00
1.75
1.50
1.25
1.00
0.75
2.5
3.1
3.7
4.3
4.9
5.5
ICL = 1.25A
ICL = 1.5A
ICL = 1.75A
ICL = 2.0A
VOUT (V) = 8.2V @ 400 mA
VIN (V)
12.5
11.5
10.5
9.5
8.5
7.5
6.5
5.5
4.5
3.5
2.5
2.5
3.0
3.5
4.0
4.5
5.0
5.5
TA = +25°C, Code 3
VLED = 2.4 V
VLED = 2.0 V
VLED = 1.8 V
VIN (V)
15.0
12.5
10.0
7.5
5.0
2.5
0.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Code 0
Code 1
Code 2
Code 3
VIND = 2.0 V, TA = 25°C
VIN (V)
12.5
11.5
10.5
9.5
8.5
2.5
3.0
3.5
4.0
4.5
5.0
5.5
TA = +25°C
VIND = 2.0 V, Code 3
TA = -30°C
TA = +85°C
VIN (V)
0.100
0.095
0.090
0.085
0.080
0.075
0.070
0.065
0.060
2.5
3.0
3.5
4.0
4.5
5.0
5.5
TA = +25°C
VLED (V) = 3.0 V
TA = +85°C
TA = -30°C
VIN (V)
0.080
0.075
0.070
0.065
0.060
0.055
0.050
0.045
0.040
2.5
3.0
3.5
4.0
4.5
5.0
5.5
TA = +25°C
VLED (V) = 3.0 V
TA = +85°C
TA = -30°C
10
LM3555
SNVS594G – DECEMBER 2008 – REVISED APRIL 2016
www.ti.com
Product Folder Links: LM3555
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Unless otherwise specified: TA = 25°C; VIN = 3.6 V; CIN1= 10 µF, CIN2= 0.1 µF, COUT = 11 µF; L = 2.2 µH.
One LED at 60 mA
Figure 13. Torch Current vs Input Voltage
One LED at 80 mA
Figure 14. Torch Current vs Input Voltage
Figure 15. Indicator Current vs Input Voltage Brightness
Codes
Figure 16. Indicator Current vs Input Voltage Tri-Temp
Figure 17. Indicator Current vs Input Voltage VLED
Figure 18. Inductor Current Limit vs Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com