Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3555 Datasheet(PDF) 8 Page - Texas Instruments

Part # LM3555
Description  LM3555 Synchronous Boost Converter With 500-mA High-Side LED Driver and Dual-Mode Control Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3555 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM3555 Datasheet HTML 4Page - Texas Instruments LM3555 Datasheet HTML 5Page - Texas Instruments LM3555 Datasheet HTML 6Page - Texas Instruments LM3555 Datasheet HTML 7Page - Texas Instruments LM3555 Datasheet HTML 8Page - Texas Instruments LM3555 Datasheet HTML 9Page - Texas Instruments LM3555 Datasheet HTML 10Page - Texas Instruments LM3555 Datasheet HTML 11Page - Texas Instruments LM3555 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
VIN (V)
2.00
1.70
1.40
1.10
0.80
0.50
2.5
3.0
3.5
4.0
4.5
5.0
5.5
TA = +25°C
TA = +85°C
TA = -30°C
VLED = 6.9V (2 LEDs)
ILED = 400mA
BRCTORCH (#)
0.20
0.18
0.16
0.14
0.12
0.10
0.08
0.06
0.04
0.02
0.00
0
1
2
3
4
5
6
7
TA = -30°C, +25°C, +85°C
VIN (V) = 3.6 V, VLED (V) = 6.3 V (2 LEDs)
VIN (V)
1.50
1.25
1.00
0.75
0.50
0.25
0.00
2.5
3.0
3.5
4.0
4.5
5.0
5.5
TA = +25°C
TA = +85°C
TA = -30°C
VLED = 6.75V (2 LEDs)
ILED = 320 mA
VIN (V)
0.44
0.43
0.42
0.41
0.40
0.39
0.38
0.37
0.36
2.5
3.0
3.5
4.0
4.5
5.0
5.5
TA = -30°C
TA = +25°C
TA = +85°C
VLED = 6.9V (2 LEDs)
VIN (V)
0.35
0.34
0.33
0.32
0.31
0.30
0.29
2.5
3.0
3.5
4.0
4.5
5.0
5.5
TA = -30°C
TA = +25°C
TA = +85°C
VLED = 6.75V (2 LEDs)
BRC (#)
0.50
0.48
0.46
0.44
0.42
0.40
0.38
0.36
0.34
0.32
0.30
0.28
0.26
0.24
0.22
0.20
0.18
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15
TA = +85°C
TA = -30°C and +25°C
8
LM3555
SNVS594G – DECEMBER 2008 – REVISED APRIL 2016
www.ti.com
Product Folder Links: LM3555
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
6.7 Typical Characteristics
Unless otherwise specified: TA = 25°C; VIN = 3.6 V; CIN1= 10 µF, CIN2= 0.1 µF, COUT = 11 µF; L = 2.2 µH.
Two Series LEDs Flash
Figure 1. LED Current vs Brightness Code
Two Series LEDs at 320 mA
Figure 2. LED Current vs Input Voltage
Two series LEDs at 320 mA
Figure 3. Input Current vs Input Voltage
Two series LEDs at 400 mA
Figure 4. LED Current vs Input Voltage
Two Series LEDs at 400 mA
Figure 5. Input Current vs Input Voltage
2 LEDs
Figure 6. Torch Current vs Brightness Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com