Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM43602 Datasheet(PDF) 28 Page - Texas Instruments

Part # LM43602
Description  LM43602-Q1 3.5-V to 36-V, 2-A Synchronous Step-Down Voltage Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM43602 Datasheet(HTML) 28 Page - Texas Instruments

Back Button LM43602 Datasheet HTML 24Page - Texas Instruments LM43602 Datasheet HTML 25Page - Texas Instruments LM43602 Datasheet HTML 26Page - Texas Instruments LM43602 Datasheet HTML 27Page - Texas Instruments LM43602 Datasheet HTML 28Page - Texas Instruments LM43602 Datasheet HTML 29Page - Texas Instruments LM43602 Datasheet HTML 30Page - Texas Instruments LM43602 Datasheet HTML 31Page - Texas Instruments LM43602 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
SS
SSC
SS
C
I
t
u
28
LM43602-Q1
SNVSA83C – APRIL 2015 – REVISED OCTOBER 2017
www.ti.com
Product Folder Links: LM43602-Q1
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
8.2.2.11 Soft-Start Capacitors
The user can left the SS/TRK pin floating, and the LM43602-Q1 will implement a soft-start time of 4.1 ms
typically. In order to use an external soft start capacitor, the capacitor must be sized so that the soft-start time is
longer than 4.1 ms. Use Equation 23 in order to calculate the soft start capacitor value:
where
•
CSS = Soft start capacitor value (µF)
•
ISS = Soft start charging current (µA)
•
tSS = Desired soft start time (s)
(23)
For the desired soft start time of 10 ms and soft start charging current of 2 µA, Equation 23 above yield a soft
start capacitor value of 0.02 µF.
8.2.2.12 Undervoltage Lockout Setpoint
The undervoltage lockout (UVLO) is adjusted using the external voltage divider network of RENT and RENB. RENT
is connected between VIN and the EN pin of the LM43602-Q1 device. RENB is connected between the EN pin
and the GND pin. The UVLO has two thresholds, one for power up when the input voltage is rising and one for
power down or brown outs when the input voltage is falling. Equation 24 can be used to determine the VIN
(UVLO) level.
VIN-UVLO-RISING = VENH × (RENB + RENT) / RENB
(24)
The EN rising threshold (VENH) for LM43602 is set to be 2.2 V (typical). Choose the value of RENB to be 1 MΩ to
minimize input current from the supply. If the desired VIN UVLO level is at 5 V, the value of RENT can be
calculated using Equation 25:
RENT = (VIN-UVLO-RISING / VENH -1) × RENB
(25)
Equation 25 yields a value of 1.27 MΩ. The resulting falling UVLO threshold, equals 4.3 V, can be calculated by
Equation 26, where EN falling threshold (VENL) is 1.9 V (typical).
VIN-UVLO-FALLING = VENL × (RENB + RENT) / RENB
(26)
8.2.2.13 PGOOD
A typical pullup resistor value is 10 k
Ω to 100 kΩ from PGOOD pin to a voltage no higher than 12 V. If it is
desired to pull up PGOOD pin to a voltage higher than 12 V, a resistor can be added from PGOOD pin to ground
to divide the voltage seen by the PGOOD pin to a value no higher than 12 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com