Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM43602 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM43602
Description  LM43602-Q1 3.5-V to 36-V, 2-A Synchronous Step-Down Voltage Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM43602 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM43602 Datasheet HTML 9Page - Texas Instruments LM43602 Datasheet HTML 10Page - Texas Instruments LM43602 Datasheet HTML 11Page - Texas Instruments LM43602 Datasheet HTML 12Page - Texas Instruments LM43602 Datasheet HTML 13Page - Texas Instruments LM43602 Datasheet HTML 14Page - Texas Instruments LM43602 Datasheet HTML 15Page - Texas Instruments LM43602 Datasheet HTML 16Page - Texas Instruments LM43602 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
0
0
VIN
-VD1
tON
t
t
D = tON / TSW
VSW
tOFF
TSW
iL
ûiL
IOUT
ILPK
13
LM43602-Q1
www.ti.com
SNVSA83C – APRIL 2015 – REVISED OCTOBER 2017
Product Folder Links: LM43602-Q1
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 Fixed Frequency Peak Current Mode Controlled Step-Down Regulator
The following operating description of the LM43602-Q1 refers to the Functional Block Diagram and to the
waveforms in Figure 25. The LM43602-Q1 is a step-down buck regulator with both high-side (HS) switch and
low-side (LS) switch (synchronous rectifier) integrated. The LM43602-Q1 supplies a regulated output voltage by
turning on the HS and LS NMOS switches with controlled ON time. During the HS switch ON time, the SW pin
voltage VSW swings up to approximately VIN, and the inductor current iL increases with a linear slope (VIN – VOUT)
/ L. When the HS switch is turned off by the control logic, the LS switch is turned on after a anti-shoot-through
dead time. Inductor current discharges through the LS switch with a slope of –VOUT / L. The control parameter of
buck converters are defined as duty cycle D = tON / TSW, where tON is the HS switch ON time and TSW is the
switching period. The regulator control loop maintains a constant output voltage by adjusting the duty cycle D. In
an ideal buck converter, where losses are ignored, D is proportional to the output voltage and inversely
proportional to the input voltage: D = VOUT / VIN.
Figure 25. SW Node and Inductor Current Waveforms in Continuous Conduction Mode (CCM)
The LM43602-Q1 synchronous buck converter employs peak current mode control topology. A voltage feedback
loop is used to get accurate DC voltage regulation by adjusting the peak current command based on voltage
offset. The peak inductor current is sensed from the HS switch and compared to the peak current to control the
ON time of the HS switch. The voltage feedback loop is internally compensated, which allows for fewer external
components, makes it easy to design, and provides stable operation with almost any combination of output
capacitors. The regulator operates with fixed switching frequency in Continuous Conduction Mode (CCM) and
Discontinuous Conduction Mode (DCM). At very light load, the LM43602-Q1 operates in PFM to maintain high
efficiency, and the switching frequency decreases with reduced load current.
7.3.2 Light Load Operation
DCM operation is employed in the LM43602-Q1 when the inductor current valley reaches zero. The LM43602-Q1
is in DCM when load current is less than half of the peak-to-peak inductor current ripple in CCM. In DCM, the LS
switch is turned off when the inductor current reaches zero. Switching loss is reduced by turning off the LS FET
at zero current and the conduction loss is lowered by not allowing negative current conduction. Power conversion
efficiency is higher in DCM than CCM under the same conditions.
In DCM, the HS switch ON time reduces with lower load current. When either the minimum HS switch ON time
(tON-MIN) or the minimum peak inductor current (IPEAK-MIN) is reached, the switching frequency decreases to
maintain regulation. At this point, the LM43602-Q1 operates in PFM. In PFM, switching frequency is decreased
by the control loop when load current reduces to maintain output voltage regulation. Switching loss is further
reduced in PFM operation due to less frequent switching actions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com