Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM43602 Datasheet(PDF) 32 Page - Texas Instruments

Part # LM43602
Description  LM43602-Q1 3.5-V to 36-V, 2-A Synchronous Step-Down Voltage Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM43602 Datasheet(HTML) 32 Page - Texas Instruments

Back Button LM43602 Datasheet HTML 28Page - Texas Instruments LM43602 Datasheet HTML 29Page - Texas Instruments LM43602 Datasheet HTML 30Page - Texas Instruments LM43602 Datasheet HTML 31Page - Texas Instruments LM43602 Datasheet HTML 32Page - Texas Instruments LM43602 Datasheet HTML 33Page - Texas Instruments LM43602 Datasheet HTML 34Page - Texas Instruments LM43602 Datasheet HTML 35Page - Texas Instruments LM43602 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
Time (100µs/div)
VOUT (100 mV/DIV)
IOUT (0.5 A/DIV)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
65
75
85
95
105
115
125
Ambient Temperature (deg C)
12VIN
18VIN
24VIN
28VIN
C007
1000
10000
100000
1000000
0.001
0.01
0.1
1
Current (A)
8V
12V
24V
36V
C007
4.75
4.80
4.85
4.90
4.95
5.00
5.05
5.10
5.15
5.20
5.25
0.001
0.01
0.1
1
Current (A)
8VIN
12VIN
24VIN
C004
4.0
4.2
4.4
4.6
4.8
5.0
5.2
5.4
5.00 5.20 5.40 5.60 5.80 6.00 6.20 6.40 6.60 6.80 7.00
VIN (V)
0.1A
0.5A
1A
1.5A
2A
C007
10000
100000
1000000
5.00 5.20 5.40 5.60 5.80 6.00 6.20 6.40 6.60 6.80 7.00
VIN (V)
0.1A
0.5A
1A
1.5A
2A
C007
32
LM43602-Q1
SNVSA83C – APRIL 2015 – REVISED OCTOBER 2017
www.ti.com
Product Folder Links: LM43602-Q1
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
Unless otherwise specified, VIN = 12 V, VOUT = 3.3 V, FS = 500 kHz and room temperature. See Application Performance
Curves for bill of materials for each VOUT and FS combination.
VOUT = 5 V
FS = 500 kHz
Figure 57. Dropout Voltage
VOUT = 5 V
FS = 500 kHz
Figure 58. Frequency vs VIN
VOUT = 5 V
FS = 500 kHz
Figure 59. Frequency vs Load
VOUT = 5 V
FS = 500 kHz
Figure 60. Regulation Curve
VOUT = 5 V
FS = 1 MHz
VIN = 12 V
Figure 61. Load Transient 0.1 A to 1 A
VOUT = 5 V
FS = 500 kHz
Figure 62. Derating Curve



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com