Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM43602 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM43602
Description  LM43602-Q1 3.5-V to 36-V, 2-A Synchronous Step-Down Voltage Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM43602 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM43602 Datasheet HTML 8Page - Texas Instruments LM43602 Datasheet HTML 9Page - Texas Instruments LM43602 Datasheet HTML 10Page - Texas Instruments LM43602 Datasheet HTML 11Page - Texas Instruments LM43602 Datasheet HTML 12Page - Texas Instruments LM43602 Datasheet HTML 13Page - Texas Instruments LM43602 Datasheet HTML 14Page - Texas Instruments LM43602 Datasheet HTML 15Page - Texas Instruments LM43602 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
Precision
Enable
VCC
Enable
Slope
Comp
LDO
HICCUP
Detector
PFM
Detector
TSD
Oscillator
PWM CONTROL LOGIC
Freq
Foldback
Zero
Cross
UVLO
CBOOT
VIN
BIAS
PGOOD
ENABLE
AGND
PGND
SYNC
VCC
SW
FB
HS I Sense
RT
ISSC
+
±
LS I Sense
PGood
PGood
FB
SS/TRK
+
OV/UV
Detector
REF
EA
Internal
SS
RC
CC
+ ±
12
LM43602-Q1
SNVSA83C – APRIL 2015 – REVISED OCTOBER 2017
www.ti.com
Product Folder Links: LM43602-Q1
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The LM43602-Q1 regulator is an easy-to-use synchronous step-down DC-DC converter that operates from 3.5-V
to 36-V supply voltage. The device delivers up to 2-A DC load current with exceptional efficiency and thermal
performance in a very small solution size. An extended family is available in 0.5-A, 1-A, and 3-A load options in
pin-to-pin compatible packages.
The LM43602-Q1 employs fixed frequency peak current mode control with discontinuous conduction mode
(DCM) and pulse frequency modulation (PFM) mode at light load to achieve high efficiency across the load
range. The device is internally compensated, which reduces design time, and requires fewer external
components. The switching frequency is programmable from 200 kHz to 2.2 MHz by an external resistor RT. It is
default at 500 kHz without RT resistor. The LM43602-Q1 is also capable of synchronization to an external clock
within the 200-kHz to 2.2-MHz frequency range. The wide switching frequency range allows the device to be
optimized to fit small board space at higher frequency, or high efficient power conversion at lower frequency.
Optional features are included for more comprehensive system requirements, including power-good (PGOOD)
flag, precision enable, synchronization to external clock, extendable soft-start time, and output voltage tracking.
These features provide a flexible and easy to use platform for a wide range of applications. Protection features
include overtemperature shutdown, VCC undervoltage lockout (UVLO), cycle-by-cycle current limit, and short-
circuit protection with hiccup mode.
The family requires few external components and the pin arrangement was designed for simple, optimum PCB
layout. The LM43602-Q1 device is available in the HTSSOP / PWP 16-pin leaded package.
7.2 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com