Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6738 Datasheet(PDF) 5 Page - Texas Instruments

Part # LMH6738
Description  LMH6738 Very Wideband, Low Distortion Triple Op Amp
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6738 Datasheet(HTML) 5 Page - Texas Instruments

  LMH6738 Datasheet HTML 1Page - Texas Instruments LMH6738 Datasheet HTML 2Page - Texas Instruments LMH6738 Datasheet HTML 3Page - Texas Instruments LMH6738 Datasheet HTML 4Page - Texas Instruments LMH6738 Datasheet HTML 5Page - Texas Instruments LMH6738 Datasheet HTML 6Page - Texas Instruments LMH6738 Datasheet HTML 7Page - Texas Instruments LMH6738 Datasheet HTML 8Page - Texas Instruments LMH6738 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
10
100
1000
FREQUENCY (MHz)
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
VS = 7V
VOUT = 2 VPP
VS = 9V
VS = 12.5V
10
100
1000
FREQUENCY (MHz)
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
AV = 1
AV = 2
AV = 5
VOUT = 1 VPP
10
100
1000
FREQUENCY (MHz)
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
AV = 1, RF = 749:
AV = 2, RF = 549:
AV = 5, RF = 459:
VOUT = 0.25 VPP
10
100
1000
FREQUENCY (MHz)
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
VOUT = 0.5 VPP
VOUT = 1 VPP
VOUT = 2 VPP
VOUT = 4 VPP
AV = 2 V/V
RF = 549:
10
100
1000
FREQUENCY (MHz)
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
AV = 1, RF = 749:
AV = 2, RF = 549:
AV = 5, RF = 459:
VOUT = 2 VPP
AV = 10, RF = 332:
10
100
1000
FREQUENCY (MHz)
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
AV = -1, RF = 475:
AV = -2, RF = 450:
AV = -5, RF = 400:
AV = -10, RF = 500:
VOUT = 2 VPP
LMH6738
www.ti.com
SNOSAC1E – APRIL 2004 – REVISED MARCH 2013
Typical Performance Characteristics
AV = +2, VCC = ±5V, RL = 100Ω, RF = 549Ω; unless otherwise specified).
Large Signal Frequency Response
Large Signal Frequency Response
Figure 1.
Figure 2.
Frequency Response
vs.
Small Signal Frequency Response
VOUT
Figure 3.
Figure 4.
Frequency Response
vs.
Supply Voltage
Gain Flatness
Figure 5.
Figure 6.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMH6738



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com