Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6738 Datasheet(PDF) 10 Page - Texas Instruments

Part # LMH6738
Description  LMH6738 Very Wideband, Low Distortion Triple Op Amp
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6738 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMH6738 Datasheet HTML 6Page - Texas Instruments LMH6738 Datasheet HTML 7Page - Texas Instruments LMH6738 Datasheet HTML 8Page - Texas Instruments LMH6738 Datasheet HTML 9Page - Texas Instruments LMH6738 Datasheet HTML 10Page - Texas Instruments LMH6738 Datasheet HTML 11Page - Texas Instruments LMH6738 Datasheet HTML 12Page - Texas Instruments LMH6738 Datasheet HTML 13Page - Texas Instruments LMH6738 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
1
2
3
4
5
6
7
8
9
10
0
100
200
300
400
500
600
700
800
|GAIN| (V/V)
NON-INVERTING (AV > 0)
INVERTING (AV < 0)
LMH6738
SNOSAC1E – APRIL 2004 – REVISED MARCH 2013
www.ti.com
Figure 24. Recommended RF vs. Gain
See Figure 24, Recommended RF. vs Gain for selecting a feedback resistor value for gains of ±1 to ±10. Since
each application is slightly different it is worth some experimentation to find the optimal RF for a given circuit. In
general a value of RF that produces ~.1 dB of peaking is the best compromise between stability and maximal
bandwidth. Note that it is not possible to use a current feedback amplifier with the output shorted directly to the
inverting input. The buffer configuration of the LMH6738 requires a 750
Ω feedback resistor for stable operation.
The LMH6738 was optimized for high speed operation. As shown in Figure 24 the suggested value for RF
decreases for higher gains. Due to the impedance of the input buffer there is a practical limit for how small RFcan
go, based on the lowest practical value of RG. This limitation applies to both inverting and non inverting
configurations. For the LMH6738 the input resistance of the inverting input is approximately 30
Ω and 20Ω is a
practical (but not hard and fast) lower limit for RG. The LMH6738 begins to operate in a gain bandwidth limited
fashion in the region where RG is nearly equal to the input buffer impedance. Note that the amplifier will operate
with RG values well below 20Ω, however results may be substantially different than predicted from ideal models.
In particular the voltage potential between the Inverting and Non Inverting inputs cannot be expected to remain
small.
Inverting gain applications that require impedance matched inputs may limit gain flexibility somewhat (especially
if maximum bandwidth is required). The impedance seen by the source is RG || RT (RT is optional). The value of
RG is RF /Gain. Thus for an inverting gain of −7 V/V and an optimal value for RF the input impedance is equal to
50
Ω. Using a termination resistor this can be brought down to match a 25Ω source, however, a 150Ω source
cannot be matched. To match a 150
Ω source would require using a 1050Ω feedback resistor and would result in
reduced bandwidth.
For more information see Application Note OA-13 (SNOA366) which describes the relationship between RF and
closed-loop frequency response for current feedback operational amplifiers. The value for the inverting input
impedance for the LMH6738 is approximately 30
Ω. The LMH6738 is designed for optimum performance at gains
of +1 to +10 V/V and
−1 to −9 V/V. Higher gain configurations are still useful, however, the bandwidth will fall as
gain is increased, much like a typical voltage feedback amplifier.
ACTIVE FILTER
When using any current feedback Operational Amplifier as an active filter it is necessary to be careful using
reactive components in the feedback loop. Reducing the feedback impedance, especially at higher frequencies,
will almost certainly cause stability problems. Likewise capacitance on the inverting input should be avoided. See
Application Notes OA-07 (SNOA365) and OA-26 (SNOA387) for more information on Active Filter applications for
Current Feedback Op Amps.
10
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LMH6738



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com