Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6738 Datasheet(PDF) 9 Page - Texas Instruments

Part # LMH6738
Description  LMH6738 Very Wideband, Low Distortion Triple Op Amp
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6738 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMH6738 Datasheet HTML 5Page - Texas Instruments LMH6738 Datasheet HTML 6Page - Texas Instruments LMH6738 Datasheet HTML 7Page - Texas Instruments LMH6738 Datasheet HTML 8Page - Texas Instruments LMH6738 Datasheet HTML 9Page - Texas Instruments LMH6738 Datasheet HTML 10Page - Texas Instruments LMH6738 Datasheet HTML 11Page - Texas Instruments LMH6738 Datasheet HTML 12Page - Texas Instruments LMH6738 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
VOUT
+
-
VIN
+5V
-5V
CPOS
6.8 µF
RG
RF
0.01 µF
6.8 µF
CNEG
0.01 µF
RIN
0.1 µF
CSS
AV = 1 +RF/RG = VOUT/VIN
VOUT
+
-
VIN
+5V
-5V
CPOS
6.8 µF
RG
RF
0.01 µF
6.8 µF
CNEG
0.01 µF
RT
25:
0.1 µF
CSS
SELECT RT TO
YIELD DESIRED
RIN = RT||RG
AV =
VOUT
VIN
RF
RG
=
LMH6738
www.ti.com
SNOSAC1E – APRIL 2004 – REVISED MARCH 2013
APPLICATION INFORMATION
Figure 22. Recommended Non-Inverting Gain
Figure 23. Recommended Inverting Gain Circuit
Circuit
GENERAL INFORMATION
The LMH6738 is a high speed current feedback amplifier, optimized for very high speed and low distortion. The
LMH6738 has no internal ground reference so single or split supply configurations are both equally useful.
EVALUATION BOARDS
Texas Instruments provides the following evaluation boards as a guide for high frequency layout and as an aid in
device testing and characterization. Many of the data sheet plots were measured with these boards.
Device
Package
Evaluation Board
Part Number
LMH6738MQA
SSOP
LMH730275
FEEDBACK RESISTOR SELECTION
One of the key benefits of a current feedback operational amplifier is the ability to maintain optimum frequency
response independent of gain by using appropriate values for the feedback resistor (RF). The Electrical
Characteristics and Typical Performance plots specify an RF of 550Ω, a gain of +2 V/V and ±5V power supplies
(unless otherwise specified). Generally, lowering RF from it’s recommended value will peak the frequency
response and extend the bandwidth while increasing the value of RF will cause the frequency response to roll off
faster. Reducing the value of RF too far below it’s recommended value will cause overshoot, ringing and,
eventually, oscillation.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMH6738



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com