Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6738 Datasheet(PDF) 1 Page - Texas Instruments

Part # LMH6738
Description  LMH6738 Very Wideband, Low Distortion Triple Op Amp
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6738 Datasheet(HTML) 1 Page - Texas Instruments

  LMH6738 Datasheet HTML 1Page - Texas Instruments LMH6738 Datasheet HTML 2Page - Texas Instruments LMH6738 Datasheet HTML 3Page - Texas Instruments LMH6738 Datasheet HTML 4Page - Texas Instruments LMH6738 Datasheet HTML 5Page - Texas Instruments LMH6738 Datasheet HTML 6Page - Texas Instruments LMH6738 Datasheet HTML 7Page - Texas Instruments LMH6738 Datasheet HTML 8Page - Texas Instruments LMH6738 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
-
+
-
+
-
+
-IN A
+IN A
-IN B
+IN B
DIS B
DIS C
-IN C
+IN C
-VS
OUT C
+VS
OUT B
-VS
OUT A
+VS
DIS A
LMH6738
www.ti.com
SNOSAC1E – APRIL 2004 – REVISED MARCH 2013
LMH6738 Very Wideband, Low Distortion Triple Op Amp
Check for Samples: LMH6738
1
FEATURES
DESCRIPTION
2
•
750 MHz
−3 dB small signal bandwidth
The LMH6738 is a very wideband, DC coupled
(AV = +1)
monolithic operational amplifier designed specifically
•
−85 dBc 3rd harmonic distortion (20 MHz)
for ultra high resolution video systems as well as wide
•
2.3 nV/Hz input noise voltage
dynamic range systems requiring exceptional signal
fidelity.
Benefiting
from
TI’s
current
feedback
•
3300 V/
μs slew rate
architecture, the LMH6738 offers a gain range of ±1
•
33 mA supply current (11.3 mA per op amp)
to ±10 while providing stable, operation without
•
90 mA linear output current
external compensation, even at unity gain. At a gain
of +2 the LMH6738 supports ultra high resolution
•
0.02/0.01 Diff. Gain / Diff. Phase (RL = 150Ω)
video systems with a 400 MHz 2 VPP –3 dB
Bandwidth. With 12-bit distortion levels through 30
APPLICATIONS
MHz (RL = 100Ω), 2.3 nV/Hz input referred noise, the
•
RGB video driver
LMH6738 is the ideal driver or buffer for high speed
flash A/D and D/A converters. Wide dynamic range
•
High resolution projectors
systems such as radar and communication receivers
•
Flash A/D driver
requiring a wideband amplifier offering exceptional
•
D/A transimpedance buffer
signal purity will find the LMH6738 low input referred
•
Wide dynamic range IF amp
noise and low harmonic distortion make it an
attractive solution.
•
Radar/communication receivers
•
DDS post-amps
•
Wideband inverting summer
•
Line driver
CONNECTION DIAGRAM
16-Pin SSOP
Top View
See Package Number DBQ0016A
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMH6738

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6738 NSC-LMH6738 Datasheet
432Kb / 12P
Very Wideband, Low Distortion Triple Op Amp
logo
Texas Instruments
LMH6738 TI1-LMH6738 Datasheet
966Kb / 20P
Very Wideband, Low Distortion Triple Op Amp
logo
National Semiconductor ...
LMH6738MQ NSC-LMH6738MQ Datasheet
432Kb / 12P
Very Wideband, Low Distortion Triple Op Amp
logo
Texas Instruments
LMH6738MQ/NOPB TI1-LMH6738MQ/NOPB Datasheet
966Kb / 20P
Very Wideband, Low Distortion Triple Op Amp
logo
National Semiconductor ...
LMH6738MQX NSC-LMH6738MQX Datasheet
432Kb / 12P
Very Wideband, Low Distortion Triple Op Amp
More results

Similar Description - LMH6738

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC409 NSC-CLC409 Datasheet
403Kb / 10P
Very Wideband, Low Distortion Monolithic Op Amp
LMH6702 NSC-LMH6702 Datasheet
439Kb / 13P
Ultra Low Distortion, Wideband Op Amp
LMH6738 NSC-LMH6738 Datasheet
432Kb / 12P
Very Wideband, Low Distortion Triple Op Amp
logo
Fairchild Semiconductor
KH207 FAIRCHILD-KH207 Datasheet
159Kb / 7P
Low Distortion Wideband Op Amp
KH232 FAIRCHILD-KH232 Datasheet
134Kb / 6P
Low Distortion Wideband Op Amp
logo
List of Unclassifed Man...
SPT232 ETC-SPT232 Datasheet
322Kb / 4P
LOW DISTORTION WIDEBAND OP AMP
logo
Cadeka Microcircuits LL...
KH207 CADEKA-KH207 Datasheet
286Kb / 7P
Low Distortion Wideband Op Amp
KH232 CADEKA-KH232 Datasheet
244Kb / 6P
Low Distortion Wideband Op Amp
logo
Texas Instruments
CLC409 TI1-CLC409 Datasheet
424Kb / 12P
Very Wideband, Low Distortion Monolithic Op Amp
LMH6738 TI1-LMH6738 Datasheet
966Kb / 20P
Very Wideband, Low Distortion Triple Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com