Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L412RBY3PTR Datasheet(PDF) 85 Page - STMicroelectronics

Part # STM32L412RBY3PTR
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 128KB Flash, 40KB SRAM, analog, ext. SMPS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L412RBY3PTR Datasheet(HTML) 85 Page - STMicroelectronics

Back Button STM32L412RBY3PTR Datasheet HTML 81Page - STMicroelectronics STM32L412RBY3PTR Datasheet HTML 82Page - STMicroelectronics STM32L412RBY3PTR Datasheet HTML 83Page - STMicroelectronics STM32L412RBY3PTR Datasheet HTML 84Page - STMicroelectronics STM32L412RBY3PTR Datasheet HTML 85Page - STMicroelectronics STM32L412RBY3PTR Datasheet HTML 86Page - STMicroelectronics STM32L412RBY3PTR Datasheet HTML 87Page - STMicroelectronics STM32L412RBY3PTR Datasheet HTML 88Page - STMicroelectronics STM32L412RBY3PTR Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 192 page
background image
Table 26. Current consumption in Run modes, code with data processing running from Flash,
ART enable (Cache ON Prefetch OFF) and power supplied by external SMPS
(VDD12 = 1.10 V)
Symbol
Parameter
Conditions(1)
TYP
Unit
-fHCLK
25 °C 55 °C
85 °C
105 °C 125 °C
IDD_ALL(Run)
Supply current in Run
mode
fHCLK = fHSE up to 48MHz included, bypass mode
PLL ON above
48 MHz all peripherals disable
80 MHz
2.62
2.64
2.66
2.71
2.77
mA
72 MHz
2.37
2.39
2.41
2.44
2.52
64 MHz
2.12
2.12
2.16
2.19
2.26
48 MHz
1.58
1.58
1.62
1.65
1.73
32 MHz
1.08
1.08
1.10
1.13
1.20
24 MHz
0.83
0.83
0.84
0.88
0.95
16 MHz
0.56
0.58
0.59
0.63
0.68
8 MHz
0.26
0.26
0.28
0.31
0.36
4 MHz
0.15
0.15
0.17
0.20
0.26
2 MHz
9.53
0.10
0.12
0.14
0.20
1 MHz
0.07
0.07
0.09
0.12
0.17
100 kHz
0.01
0.01
0.03
0.06
0.12
1. All values are obtained by calculation based on measurements done without SMPS and using following parameters: SMPS input = 3.3 V, SMPS efficiency = 85%,
VDD12 = 1.10 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com