Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L412RBY3PTR Datasheet(PDF) 13 Page - STMicroelectronics

Part # STM32L412RBY3PTR
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 128KB Flash, 40KB SRAM, analog, ext. SMPS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L412RBY3PTR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STM32L412RBY3PTR Datasheet HTML 9Page - STMicroelectronics STM32L412RBY3PTR Datasheet HTML 10Page - STMicroelectronics STM32L412RBY3PTR Datasheet HTML 11Page - STMicroelectronics STM32L412RBY3PTR Datasheet HTML 12Page - STMicroelectronics STM32L412RBY3PTR Datasheet HTML 13Page - STMicroelectronics STM32L412RBY3PTR Datasheet HTML 14Page - STMicroelectronics STM32L412RBY3PTR Datasheet HTML 15Page - STMicroelectronics STM32L412RBY3PTR Datasheet HTML 16Page - STMicroelectronics STM32L412RBY3PTR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 192 page
background image
DS12469 Rev 4
13/192
STM32L412xx
Description
49
2
Description
The STM32L412xx devices are the ultra-low-power microcontrollers based on the high-
performance Arm® Cortex®-M4 32-bit RISC core operating at a frequency of up to 80 MHz.
The Cortex-M4 core features a Floating point unit (FPU) single precision which supports all
Arm® single-precision data-processing instructions and data types. It also implements a full
set of DSP instructions and a memory protection unit (MPU) which enhances application
security.
The STM32L412xx devices embed high-speed memories (Flash memory up to 128
Kbyte,40 Kbyte of SRAM), a Quad SPI flash memories interface (available on all packages)
and an extensive range of enhanced I/Os and peripherals connected to two APB buses, two
AHB buses and a 32-bit multi-AHB bus matrix.
The STM32L412xx devices embed several protection mechanisms for embedded Flash
memory and SRAM: readout protection, write protection, proprietary code readout
protection and Firewall.
The devices offer two fast 12-bit ADC (5 Msps), two comparators, one operational amplifier,
a low-power RTC, one general-purpose 32-bit timer, one 16-bit PWM timer dedicated to
motor control, four general-purpose 16-bit timers, and two 16-bit low-power timers.
In addition, up to 12 capacitive sensing channels are available.
They also feature standard and advanced communication interfaces.
•
Three I2Cs
•
Two SPIs
•
Three USARTs and one Low-Power UART.
•
One USB full-speed device crystal less
The STM32L412xx operates in the -40 to +85 °C (+105 °C junction) and -40 to +125 °C
(+130 °C junction) temperature ranges from a 1.71 to 3.6 V VDD power supply when using
internal LDO regulator and a 1.00 to 1.32V VDD12 power supply when using external SMPS
supply. A comprehensive set of power-saving modes allows the design of low-power
applications.
Some independent power supplies are supported: analog independent supply input for
ADC, OPAMP and comparator. A VBAT input allows to backup the RTC and backup
registers. Dedicated VDD12 power supplies can be used to bypass the internal LDO
regulator when connected to an external SMPS.
The STM32L412xx family offers six packages from 32 to 64-pin packages.
Table 2. STM32L412xx family device features and peripheral counts
Peripheral
STM32L412Rx
STM32L412Cx
STM32L412Tx
STM32L412Kx
Flash memory
128KB
SRAM
40KB
Quad SPI
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com