Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L412RBY3PTR Datasheet(PDF) 98 Page - STMicroelectronics

Part # STM32L412RBY3PTR
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 128KB Flash, 40KB SRAM, analog, ext. SMPS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L412RBY3PTR Datasheet(HTML) 98 Page - STMicroelectronics

Back Button STM32L412RBY3PTR Datasheet HTML 94Page - STMicroelectronics STM32L412RBY3PTR Datasheet HTML 95Page - STMicroelectronics STM32L412RBY3PTR Datasheet HTML 96Page - STMicroelectronics STM32L412RBY3PTR Datasheet HTML 97Page - STMicroelectronics STM32L412RBY3PTR Datasheet HTML 98Page - STMicroelectronics STM32L412RBY3PTR Datasheet HTML 99Page - STMicroelectronics STM32L412RBY3PTR Datasheet HTML 100Page - STMicroelectronics STM32L412RBY3PTR Datasheet HTML 101Page - STMicroelectronics STM32L412RBY3PTR Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 192 page
background image
IDD_ALL
(Stop 2 with
RTC)
Supply current in
Stop 2 mode,
RTC enabled
RTC clocked by LSE
bypassed at 32768 Hz
1.8 V
1.35
2.85
9.15
21.0
46.0
-
-
-
-
-
µA
2.4 V
1.60
3.15
9.60
22.0
48.0
-
-
-
-
-
3 V
2.00
3.85
11.0
24.0
51.5
-
-
-
-
-
3.6 V
3.90
6.60
15.0
29.5
58.5
-
-
-
-
-
RTC clocked by LSE
bypassed at 32768 Hz,
ENULP = 1,
LPCAL = 1
1.8 V
1.20
2.80
9.70
21.5
46.5
-
-
-
-
-
2.4 V
1.35
3.10
10.5
22.5
48.5
-
-
-
-
-
3 V
1.80
3.90
11.5
25.0
52.5
-
-
-
-
-
3.6 V
3.65
6.75
16.0
30.5
59.5
-
-
-
-
-
RTC clocked by LSE
quartz in low drive
mode
1.8 V
1.20
2.65
8.85
20.5
47.5
-
-
-
-
-
2.4 V
1.25
2.75
9.10
21.0
49.0
-
-
-
-
-
3 V
1.35
2.90
9.45
22.0
51.0
-
-
-
-
-
3.6 V
1.50
3.10
9.95
23.0
53.0
-
-
-
-
-
RTC clocked by LSE
quartz(2) in low drive
mode, ENULP = 1,
LPCAL = 1
1.8 V
1.00
2.55
9.50
21.0
48.0
-
-
-
-
-
2.4 V
1.10
2.75
9.90
22.0
49.5
-
-
-
-
-
3 V
1.15
3.00
10.5
23.0
52.0
-
-
-
-
-
3.6 V
1.25
3.25
11.0
25.0
54.5
-
-
-
-
-
IDD_ALL
(wakeup from
Stop2)
Supply current
during wakeup
from Stop 2
mode
Wakeup clock is
MSI = 48 MHz,
voltage Range 1.
See (3).
3 V
185
-
-
-
-
-
-
-
-
-
mA
Wakeup clock is
MSI = 4 MHz,
voltage Range 2.
See (3).
3 V
155
-
-
-
-
-
-
-
-
-
Wakeup clock is
HSI16 = 16 MHz,
voltage Range 1.
See (3).
3 V
152
-
-
-
-
-
-
-
-
-
1. Guaranteed by characterization results, unless otherwise specified.
Table 43. Current consumption in Stop 2 mode (continued)
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-VDD 25 °C 55 °C 85 °C 105 °C 125 °C 25 °C 55 °C
85 °C 105 °C 125 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com