Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L412RBY3PTR Datasheet(PDF) 100 Page - STMicroelectronics

Part # STM32L412RBY3PTR
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 128KB Flash, 40KB SRAM, analog, ext. SMPS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L412RBY3PTR Datasheet(HTML) 100 Page - STMicroelectronics

Back Button STM32L412RBY3PTR Datasheet HTML 96Page - STMicroelectronics STM32L412RBY3PTR Datasheet HTML 97Page - STMicroelectronics STM32L412RBY3PTR Datasheet HTML 98Page - STMicroelectronics STM32L412RBY3PTR Datasheet HTML 99Page - STMicroelectronics STM32L412RBY3PTR Datasheet HTML 100Page - STMicroelectronics STM32L412RBY3PTR Datasheet HTML 101Page - STMicroelectronics STM32L412RBY3PTR Datasheet HTML 102Page - STMicroelectronics STM32L412RBY3PTR Datasheet HTML 103Page - STMicroelectronics STM32L412RBY3PTR Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 192 page
background image
Table 44. Current consumption in Stop 1 mode
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
--
VDD
25 °C 55 °C 85 °C 105 °C 125 °C 25 °C 55 °C 85 °C 105 °C 125 °C
IDD_ALL
(Stop 1)
Supply current
in Stop 1
mode,
RTC disabled
-
1.8 V
3.95
13.0
47.5
110
230
7.40
24.5
87.0
190
395
µA
2.4 V
3.95
13.0
48.0
110
230
7.50
24.5
86.0
190
395
3 V
4.00
13.5
48.0
110
235
7.30
24.5
87.0
195
400
3.6 V
4.10
13.5
48.5
110
240
7.85
25.0
90.0
195
405
IDD_ALL
(Stop 1 with
RTC)
Supply current
in stop 1
mode,
RTC enabled
RTC clocked by LSI
1.8 V
4.40
13.5
48.0
110
230
8.05
24.5
86.5
190
395
µA
2.4 V
4.60
14.0
48.5
110
235
8.10
25.0
90.0
195
395
3 V
4.75
14.0
48.5
110
235
8.20
25.5
89.0
195
400
3.6 V
5.05
14.5
49.5
115
240
8.55
27.0
89.5
195
405
RTC clocked by LSE
bypassed at 32768 Hz
1.8 V
4.50
13.5
48.5
110
230
11.5
26.5
86.0
190
395
2.4 V
4.70
14.0
49.0
110
230
29.0
31.5
90.0
190
395
3 V
5.35
14.5
50.0
115
240
36.0
31.5
87.5
195
400
3.6 V
7.20
17.5
54.5
120
245
26.0
28.0
88.0
195
405
RTC clocked by LSE quartz(2)
in low drive mode
1.8 V
4.25
13.5
47.5
110
-
-
-
-
-
-
2.4 V
4.35
13.5
48.0
110
-
-
-
-
-
-
3 V
4.40
13.5
48.0
110
-
-
-
-
-
-
3.6 V
4.50
14.0
49.0
125
-
-
-
-
-
-
IDD_ALL
(wakeup
from Stop1)
Supply current
during
wakeup from
Stop 1
Wakeup clock MSI = 48 MHz,
voltage Range 1.
See (3).
3 V
1.15
-
-
-
-
---
-
-
mA
Wakeup clock MSI = 4 MHz,
voltage Range 2.
See (3).
3 V
1.25
-
-
-
-
---
-
-
Wakeup clock
HSI16 = 16 MHz,
voltage Range 1.
See (3).
3 V
1.20
-
-
-
-
---
-
-
1. Guaranteed by characterization results, unless otherwise specified.
2. Based on characterization done with a 32.768 kHz crystal (MC306-G-06Q-32.768, manufacturer JFVNY) with two 6.8 pF loading capacitors.
3. Wakeup with code execution from Flash. Average value given for a typical wakeup time as specified in Table 50: Low-power mode wakeup timings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com