Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L412RBY3PTR Datasheet(PDF) 108 Page - STMicroelectronics

Part # STM32L412RBY3PTR
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 128KB Flash, 40KB SRAM, analog, ext. SMPS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L412RBY3PTR Datasheet(HTML) 108 Page - STMicroelectronics

Back Button STM32L412RBY3PTR Datasheet HTML 104Page - STMicroelectronics STM32L412RBY3PTR Datasheet HTML 105Page - STMicroelectronics STM32L412RBY3PTR Datasheet HTML 106Page - STMicroelectronics STM32L412RBY3PTR Datasheet HTML 107Page - STMicroelectronics STM32L412RBY3PTR Datasheet HTML 108Page - STMicroelectronics STM32L412RBY3PTR Datasheet HTML 109Page - STMicroelectronics STM32L412RBY3PTR Datasheet HTML 110Page - STMicroelectronics STM32L412RBY3PTR Datasheet HTML 111Page - STMicroelectronics STM32L412RBY3PTR Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 192 page
background image
Electrical characteristics
STM32L412xx
108/192
DS12469 Rev 4
On-chip peripheral current consumption
The current consumption of the on-chip peripherals is given in Table 49. The MCU is placed
under the following conditions:
•
All I/O pins are in Analog mode
•
The given value is calculated by measuring the difference of the current consumptions:
–
when the peripheral is clocked on
–
when the peripheral is clocked off
•
Ambient operating temperature and supply voltage conditions summarized in Table 18:
Voltage characteristics
•
The power consumption of the digital part of the on-chip peripherals is given in
Table 49. The power consumption of the analog part of the peripherals (where
applicable) is indicated in each related section of the datasheet.
Table 49. Peripheral current consumption
Peripheral
Range 1
Range 2
Low-power run
and sleep
Unit
AHB
Bus Matrix(1)
3.0
2.9
2.8
µA/MHz
ADC independent clock domain
0.4
0.2
0.1
ADC clock domain
2.2
1.8
1.8
CRC
0.5
0.3
0.2
DMA1
1.3
1.2
1.1
DMA2
1.3
1.2
1.1
FLASH
5.9
4.9
5.6
GPIOA(2)
1.6
1.5
1.3
GPIOB(2))
1.5
1.4
1.3
GPIOC(2)
1.7
1.6
1.5
GPIOH(2)
0.6
0.5
0.6
QSPI
6.9
7.0
5.6
RNG independent clock domain
2.2
NA
NA
RNG clock domain
0.5
NA
NA
SRAM1
0.7
0.6
0.7
SRAM2
0.9
0.7
0.8
TSC
1.5
1.3
1.3
All AHB Peripherals
21.9
19.2
20.5
APB1
AHB to APB1 bridge(3)
0.8
0.6
0.8
RTCA
1.7
1.1
2.1
CRS
0.3
0.3
0.5
USB FS independent clock
domain
2.8
NA
NA
USB FS clock domain
2.2
NA
NA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com