Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L412RBY3PTR Datasheet(PDF) 191 Page - STMicroelectronics

Part # STM32L412RBY3PTR
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 128KB Flash, 40KB SRAM, analog, ext. SMPS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L412RBY3PTR Datasheet(HTML) 191 Page - STMicroelectronics

Back Button STM32L412RBY3PTR Datasheet HTML 184Page - STMicroelectronics STM32L412RBY3PTR Datasheet HTML 185Page - STMicroelectronics STM32L412RBY3PTR Datasheet HTML 186Page - STMicroelectronics STM32L412RBY3PTR Datasheet HTML 187Page - STMicroelectronics STM32L412RBY3PTR Datasheet HTML 188Page - STMicroelectronics STM32L412RBY3PTR Datasheet HTML 189Page - STMicroelectronics STM32L412RBY3PTR Datasheet HTML 190Page - STMicroelectronics STM32L412RBY3PTR Datasheet HTML 191Page - STMicroelectronics STM32L412RBY3PTR Datasheet HTML 192Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 191 / 192 page
background image
DS12469 Rev 4
191/192
STM32L412xx
Revision history
191
9
Revision history
Table 105. Document revision history
Date
Revision
Changes
02-Oct-2018
1
Initial release.
18-Oct-2018
2
Updated:
– Features
– Table 25: Current consumption in Run and Low-power
run modes, code with data processing running from
Flash, ART enable (Cache ON Prefetch OFF),
Table 27: Current consumption in Run and Low-power
run modes, code with data processing running from
Flash, ART disable, Table 29: Current consumption in
Run and Low-power run modes, code with data
processing running from SRAM1, Table 40: Current
consumption in Sleep and Low-power sleep modes,
Flash ON, Table 42: Current consumption in Low-
power sleep modes, Flash in power-down, Table 43:
Current consumption in Stop 2 mode, Table 48:
Current consumption in VBAT mode, Table 49:
Peripheral current consumption
03-Dec-2018
3
Updated Table 46: Current consumption in Standby
mode, Table 22: Operating conditions at power-up /
power-down, Table 23: Embedded reset and power
control block characteristics, Table 65: EMI
characteristics.
Removed Figure 5: STM32L412Vx, external SMPS
device, LQFP100 pinout
18-Dec-2018
4
Updated Table 99: WLCSP - 36 balls, 2.58 x 3.07 mm,
0.4 mm pitch, wafer level chip scale mechanical data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com