Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F427IPM Datasheet(PDF) 2 Page - Texas Instruments

Part # MSP430F427IPM
Description  MSP430F42x Mixed-Signal Microcontrollers
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MSP430F427IPM Datasheet(HTML) 2 Page - Texas Instruments

  MSP430F427IPM Datasheet HTML 1Page - Texas Instruments MSP430F427IPM Datasheet HTML 2Page - Texas Instruments MSP430F427IPM Datasheet HTML 3Page - Texas Instruments MSP430F427IPM Datasheet HTML 4Page - Texas Instruments MSP430F427IPM Datasheet HTML 5Page - Texas Instruments MSP430F427IPM Datasheet HTML 6Page - Texas Instruments MSP430F427IPM Datasheet HTML 7Page - Texas Instruments MSP430F427IPM Datasheet HTML 8Page - Texas Instruments MSP430F427IPM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 61 page
background image
DV
CC
DV
SS
AV
CC
AV
SS
RST/NMI
P1
Flash
32KB
16KB
8KB
RAM
1KB
512 B
256 B
Watchdog
WDT+
15 or 16 Bit
Timer_A3
3 CC Reg
Port 1
8 I/Os
Interrupt
Capability
POR,
SVS,
Brownout
Basic
Timer 1
1 Interrupt
Vector
LCD
128
Segments
1,2,3,4 MUX
f
LCD
8
USART0
UART
or SPI
SD16
Three 16-Bit
SIgma-Delta
ADCs
Oscillators
FLL+
MCLK
8-MHz
CPU
Including
16 Registers
XOUT
JTAG
Interface
XIN
SMCLK
ACLK
MDB
MAB
Emulation
Module
P2
Port 2
6 I/Os
Interrupt
Capability
6
Copyright © 2016, Texas Instruments Incorporated
Hardware
Multiplier
MPY, MPYS,
MAC,MACS
2
MSP430F427, MSP430F425, MSP430F423
SLAS421B – APRIL 2004 – REVISED NOVEMBER 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP430F427 MSP430F425 MSP430F423
Device Overview
Copyright © 2004–2016, Texas Instruments Incorporated
(1)
For the most current part, package, and ordering information for all available devices, see the Package
Option Addendum in Section 8, or see the TI website at www.ti.com.
(2)
The sizes shown here are approximations. For the package dimensions with tolerances, see the
Mechanical Data in Section 8.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE(2)
MSP430F427IPM
LQFP (64)
10 mm × 10 mm
MSP430F425IPM
LQFP (64)
10 mm × 10 mm
MSP430F423IPM
LQFP (64)
10 mm × 10 mm
1.4
Functional Block Diagram
Figure 1-1 shows the functional block diagram.
Figure 1-1. MSP430F42x Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com