Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F427IPM Datasheet(PDF) 13 Page - Texas Instruments

Part # MSP430F427IPM
Description  MSP430F42x Mixed-Signal Microcontrollers
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MSP430F427IPM Datasheet(HTML) 13 Page - Texas Instruments

Back Button MSP430F427IPM Datasheet HTML 9Page - Texas Instruments MSP430F427IPM Datasheet HTML 10Page - Texas Instruments MSP430F427IPM Datasheet HTML 11Page - Texas Instruments MSP430F427IPM Datasheet HTML 12Page - Texas Instruments MSP430F427IPM Datasheet HTML 13Page - Texas Instruments MSP430F427IPM Datasheet HTML 14Page - Texas Instruments MSP430F427IPM Datasheet HTML 15Page - Texas Instruments MSP430F427IPM Datasheet HTML 16Page - Texas Instruments MSP430F427IPM Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 61 page
background image
13
MSP430F427, MSP430F425, MSP430F423
www.ti.com
SLAS421B – APRIL 2004 – REVISED NOVEMBER 2016
Submit Documentation Feedback
Product Folder Links: MSP430F427 MSP430F425 MSP430F423
Specifications
Copyright © 2004–2016, Texas Instruments Incorporated
(1)
The maximum total current, IOH(max) and IOL(max), for all outputs combined, should not exceed ±12 mA to satisfy the maximum specified
voltage drop.
(2)
The maximum total current, IOH(max) and IOL(max), for all outputs combined, should not exceed ±48 mA to satisfy the maximum specified
voltage drop.
5.9
Outputs
− Ports (P1 and P2)
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
MAX
UNIT
VOH
High-level output voltage
IOH(max) = –1.5 mA
(1)
3 V
VCC – 0.25
VCC
V
IOH(max) = –6 mA
(2)
3 V
VCC – 0.6
VCC
VOL
Low-level output voltage
IOL(max) = 1.5 mA
(1)
3 V
VSS
VSS + 0.25
V
IOL(max) = 6 mA
(2)
3 V
VSS
VSS + 0.6
5.10 Output Frequency
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
f(Px.y)
Output frequency
(1
≤ × ≤ 2, 0 ≤ y ≤ 7)
CL = 20 F, IL = ±1.5 mA, VCC = 3 V
DC
12
MHz
f(ACLK),
P1.1/TA0/MCLK,
P1.5/TACLK/ACLK/S28
CL = 20 pF, VCC = 3 V
12
MHz
f(MCLK),
f(SMCLK)
t(Xdc)
Duty cycle of output
frequency
P1.5/TACLK/ACLK/S28,
CL = 20 pF, VCC = 3 V
fACLK = fLFXT1 = fXT1
40%
60%
fACLK = fLFXT1 = fLF
30%
70%
fACLK = fLFXT1
50%
P1.1/TA0/MCLK, CL = 20 pF, VCC = 3 V,
fMCLK = fDCOCLK
50% –
15 ns
50%
50% +
15 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com