Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F427IPM Datasheet(PDF) 3 Page - Texas Instruments

Part # MSP430F427IPM
Description  MSP430F42x Mixed-Signal Microcontrollers
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MSP430F427IPM Datasheet(HTML) 3 Page - Texas Instruments

  MSP430F427IPM Datasheet HTML 1Page - Texas Instruments MSP430F427IPM Datasheet HTML 2Page - Texas Instruments MSP430F427IPM Datasheet HTML 3Page - Texas Instruments MSP430F427IPM Datasheet HTML 4Page - Texas Instruments MSP430F427IPM Datasheet HTML 5Page - Texas Instruments MSP430F427IPM Datasheet HTML 6Page - Texas Instruments MSP430F427IPM Datasheet HTML 7Page - Texas Instruments MSP430F427IPM Datasheet HTML 8Page - Texas Instruments MSP430F427IPM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 61 page
background image
3
MSP430F427, MSP430F425, MSP430F423
www.ti.com
SLAS421B – APRIL 2004 – REVISED NOVEMBER 2016
Submit Documentation Feedback
Product Folder Links: MSP430F427 MSP430F425 MSP430F423
Table of Contents
Copyright © 2004–2016, Texas Instruments Incorporated
Table of Contents
1
Device Overview
......................................... 1
1.1
Features
.............................................. 1
1.2
Applications
........................................... 1
1.3
Description
............................................ 1
1.4
Functional Block Diagram
............................ 2
2
Revision History
......................................... 4
3
Device Comparison
..................................... 5
3.1
Related Products
..................................... 5
4
Terminal Configuration and Functions
.............. 6
4.1
Pin Diagram
.......................................... 6
4.2
Signal Descriptions
................................... 7
5
Specifications
........................................... 10
5.1
Absolute Maximum Ratings
........................ 10
5.2
ESD Ratings
........................................ 10
5.3
Recommended Operating Conditions
............... 10
5.4
Supply Current Into AVCC and DVCC Excluding
External Current
.................................... 11
5.5
Thermal Resistance Characteristics, PM Package
(LQFP64)
............................................ 12
5.6
Schmitt-Trigger Inputs
− Ports (P1 and P2),
RST/NMI, JTAG (TCK, TMS, TDI/TCLK,TDO/TDI)
. 12
5.7
Inputs P1.x, P2.x, TAx
.............................. 12
5.8
Leakage Current
− Ports (P1 and P2)
............. 12
5.9
Outputs
− Ports (P1 and P2)
........................ 13
5.10
Output Frequency
................................... 13
5.11
Typical Characteristics – Ports P1 and P2
.......... 14
5.12
Wake-up Time From LPM3
......................... 15
5.13
RAM
................................................. 15
5.14
LCD
.................................................. 15
5.15
USART0
............................................. 15
5.16
POR, BOR
.......................................... 16
5.17
SVS (Supply Voltage Supervisor and Monitor)
..... 17
5.18
DCO
................................................. 19
5.19
Crystal Oscillator, LFXT1 Oscillator
................ 21
5.20
SD16 Power Supply and Operating Characteristics
22
5.21
SD16 Analog Input Range
.......................... 22
5.22
SD16 Analog Performance
.......................... 23
5.23
SD16 Built-in Temperature Sensor
................. 23
5.24
SD16 Built-in Voltage Reference
................... 24
5.25
SD16 Built-in Reference Output Buffer
............. 24
5.26
SD16 External Reference Input
..................... 24
5.27
Flash Memory
....................................... 25
5.28
JTAG Interface
...................................... 25
5.29
JTAG Fuse
......................................... 25
6
Detailed Description
................................... 26
6.1
CPU
................................................. 26
6.2
Instruction Set
....................................... 27
6.3
Operating Modes
.................................... 28
6.4
Interrupt Vector Addresses
.......................... 29
6.5
Special Function Registers
.......................... 30
6.6
Memory Organization
............................... 32
6.7
Bootloader (BSL)
.................................... 32
6.8
Flash Memory
....................................... 32
6.9
Peripherals
.......................................... 33
6.10
Input/Output Diagrams
.............................. 39
7
Device and Documentation Support
............... 46
7.1
Getting Started and Next Steps
..................... 46
7.2
Device Nomenclature
............................... 46
7.3
Tools and Software
................................. 48
7.4
Documentation Support
............................. 49
7.5
Related Links
........................................ 51
7.6
Community Resources
.............................. 51
7.7
Trademarks
.......................................... 51
7.8
Electrostatic Discharge Caution
..................... 51
7.9
Export Control Notice
............................... 51
7.10
Glossary
............................................. 51
8
Mechanical, Packaging, and Orderable
Information
.............................................. 52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com