Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F427IPM Datasheet(PDF) 8 Page - Texas Instruments

Part # MSP430F427IPM
Description  MSP430F42x Mixed-Signal Microcontrollers
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MSP430F427IPM Datasheet(HTML) 8 Page - Texas Instruments

Back Button MSP430F427IPM Datasheet HTML 4Page - Texas Instruments MSP430F427IPM Datasheet HTML 5Page - Texas Instruments MSP430F427IPM Datasheet HTML 6Page - Texas Instruments MSP430F427IPM Datasheet HTML 7Page - Texas Instruments MSP430F427IPM Datasheet HTML 8Page - Texas Instruments MSP430F427IPM Datasheet HTML 9Page - Texas Instruments MSP430F427IPM Datasheet HTML 10Page - Texas Instruments MSP430F427IPM Datasheet HTML 11Page - Texas Instruments MSP430F427IPM Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 61 page
background image
8
MSP430F427, MSP430F425, MSP430F423
SLAS421B – APRIL 2004 – REVISED NOVEMBER 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP430F427 MSP430F425 MSP430F423
Terminal Configuration and Functions
Copyright © 2004–2016, Texas Instruments Incorporated
Table 4-1. Terminal Functions (continued)
SIGNAL NAME
PIN NO.
I/O
DESCRIPTION
(2)
The LCD function is selected automatically when the applicable LCD module control bits are set, not with PxSEL bits.
R33
43
O
Output port of most positive analog LCD level (V1)
P2.1/UCLK0/S24
44
I/O
General-purpose digital I/O
External clock input for USART0 in UART or SPI mode or
clock output for USART0 in SPI mode
LCD segment output 24(2)
P2.0/TA2/S25
45
I/O
General-purpose digital I/O
Timer_A Capture: CCI2A input, Compare: Out2 output
LCD segment output 25(2)
P1.7/SOMI0/S26
46
I/O
General-purpose digital I/O
Slave out/master in for USART0 in SPI mode
LCD segment output 26(2)
P1.6/SIMO0/S27
47
I/O
General-purpose digital I/O
Slave in/master out for USART0 in SPI mode
LCD segment output 27(2)
P1.5/TACLK/ACLK/S28
48
I/O
General-purpose digital I/O
Timer_A and SD16 clock signal TACLK input
ACLK output (divided by 1, 2, 4, or 8)
LCD segment output 28(2)
P1.4/S29
49
I/O
General-purpose digital I/O
LCD segment output 29(2)
P1.3/SVSOUT/S30
50
I/O
General-purpose digital I/O
SVS: output of SVS comparator
LCD segment output 30(2)
P1.2/TA1/S31
51
I/O
General-purpose digital I/O
Timer_A, Capture: CCI1A, CCI1B input, Compare: Out1 output
LCD segment output 31(2)
P1.1/TA0/MCLK
52
I/O
General-purpose digital I/O
Timer_A, Capture: CCI0B input. Note: TA0 is only an input on this pin.
MCLK output
BSL receive
P1.0/TA0
53
I/O
General-purpose digital I/O
Timer_A, Capture: CCI0A input, Compare: Out0 output
BSL transmit
TDO/TDI
54
I/O
Test data output port, TDO/TDI data output or programming data input terminal
TDI/TCLK
55
I
Test data input or test clock input. The device protection fuse is connected to TDI.
TMS
56
I
Test mode select. TMS is used as an input port for device programming and test.
TCK
57
I
Test clock. TCK is the clock input port for device programming and test.
RST/NMI
58
I
Reset input
Nonmaskable interrupt input port
P2.5/URXD0
59
I/O
General-purpose digital I/O
Receive data in for USART0 in UART mode
P2.4/UTXD0
60
I/O
General-purpose digital I/O
Transmit data out for USART0 in UART mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com