Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA177GS/2K5 Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA177GS/2K5
Description  OPA177 0.1-μV/°C Offset Drift, 10-μV Offset, Low-Noise, Bipolar Operational Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA177GS/2K5 Datasheet(HTML) 2 Page - Texas Instruments

  OPA177GS/2K5 Datasheet HTML 1Page - Texas Instruments OPA177GS/2K5 Datasheet HTML 2Page - Texas Instruments OPA177GS/2K5 Datasheet HTML 3Page - Texas Instruments OPA177GS/2K5 Datasheet HTML 4Page - Texas Instruments OPA177GS/2K5 Datasheet HTML 5Page - Texas Instruments OPA177GS/2K5 Datasheet HTML 6Page - Texas Instruments OPA177GS/2K5 Datasheet HTML 7Page - Texas Instruments OPA177GS/2K5 Datasheet HTML 8Page - Texas Instruments OPA177GS/2K5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 4
6.1 Absolute Maximum Ratings........................................ 4
6.2 ESD Ratings............................................................... 4
6.3 Recommended Operating Conditions.........................4
6.4 Thermal Information....................................................4
6.5 Electrical Characteristics.............................................5
6.6 Typical Characteristics................................................ 7
7 Application and Implementation.................................. 10
7.1 Application Information............................................. 10
7.2 Typical Application.................................................... 11
8 Device and Documentation Support............................12
8.1 Device Support......................................................... 12
8.2 Receiving Notification of Documentation Updates....13
8.3 Support Resources................................................... 13
8.4 Trademarks...............................................................13
8.5 Electrostatic Discharge Caution................................13
8.6 Glossary....................................................................13
9 Mechanical, Packaging, and Orderable Information.. 13
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision * (September 2000) to Revision A (September 2023)
Page
• Updated the numbering format for tables, figures, and cross-references throughout the document................. 1
• Changed data sheet title for clarity.....................................................................................................................1
• Added Package Information table, and Typical Application, Device and Documentation Support, and
Mechanical, Packaging, and Orderable Information sections............................................................................ 1
• Added additional Features bullets and updated several specifications to align with Electrical Characteristics .1
• Changed application bullets to show linked applications....................................................................................1
• Changed Description text for clarity....................................................................................................................1
• Updated front-page diagram...............................................................................................................................1
• Added pin functions table................................................................................................................................... 3
• Changed supply voltage from ±22 V (44 V) to 40 V in Absolute Maximum Ratings ..........................................4
• Moved operating temperature from Absolute Maximum Ratings to Recommended Operating Conditions ...... 4
• Deleted lead temperature from Absolute Maximum Ratings ............................................................................. 4
• Moved junction to ambient thermal information from Absolute Maximum Ratings to Thermal Information .......4
• Added ESD Ratings and Thermal Information ...................................................................................................4
• Changed several parameter names for consistency with modern data sheets in Electrical Characteristics ..... 5
• Updated the format of Electircal Characteristics ................................................................................................5
• Added test conditions to the header of Electrical Characteristics ......................................................................5
• Moved test conditions from condition column to the header of Electrical Characteristics ................................. 5
• Changed open-loop voltage gain unit from V/mV to dB in Electrical Characteristics ........................................ 5
• Changed large signal voltage gain to open-loop voltage gain in Electrical Characteristics ...............................5
• Changed Power Supply parameters no load test condition to IO = 0 A in Electrical Characteristics ................. 5
• Updated quiescent current maximum over temperature specification value from 25 mA (typo) to ±2.5 mA...... 5
• Changed supply current to quiescent current in Electrical Characteristics ........................................................5
• Added information about integrated overvoltage protection including OPAx206 to Input Protection................10
• Updated Noise Performance with new products such as the OPAx828, OPAx140, and OPAx210..................10
• Changed operational amplifier recommendations to reflect new product developments................................. 10
OPA177
SBOS008A – SEPTEMBER 2000 – REVISED SEPTEMBER 2023
www.ti.com
2
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: OPA177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com