Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA177GS/2K5 Datasheet(PDF) 5 Page - Texas Instruments

Part # OPA177GS/2K5
Description  OPA177 0.1-μV/°C Offset Drift, 10-μV Offset, Low-Noise, Bipolar Operational Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA177GS/2K5 Datasheet(HTML) 5 Page - Texas Instruments

  OPA177GS/2K5 Datasheet HTML 1Page - Texas Instruments OPA177GS/2K5 Datasheet HTML 2Page - Texas Instruments OPA177GS/2K5 Datasheet HTML 3Page - Texas Instruments OPA177GS/2K5 Datasheet HTML 4Page - Texas Instruments OPA177GS/2K5 Datasheet HTML 5Page - Texas Instruments OPA177GS/2K5 Datasheet HTML 6Page - Texas Instruments OPA177GS/2K5 Datasheet HTML 7Page - Texas Instruments OPA177GS/2K5 Datasheet HTML 8Page - Texas Instruments OPA177GS/2K5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
6.5 Electrical Characteristics
at TA = 25°C, VS = 30 V (±15 V), VCM = VOUT = VS / 2, and RL = 2 kΩ connected to VS / 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
F grade
±10
±25
µV
G grade
±20
±60
TA = –40°C to +85°C
F grade
±15
±40
G grade
±20
±100
dVOS/dT
Input offset voltage drift
TA = –40°C to +85°C
F grade
±0.1
±0.3
µV/°C
G grade
±0.7
±1.2
Offset adjustment range RP = 20 kΩ
±3
mV
Long-term drift(1)
F grade
0.3
µV/mo
G grade
0.4
PSRR
Power-supply rejection
ratio
VS = ±3 V to ±18 V
F grade
115
125
dB
G grade
110
120
VS = ±3 V to ±18 V
TA = –40°C to +85°C
F grade
110
120
G grade
106
115
INPUT BIAS CURRENT
IB
Input bias current
F grade
±0.5
±2
nA
G grade
±0.5
±2.8
TA = –40°C to +85°C
F grade
±0.5
±4
G grade
±0.5
±6
Input bias current drift(2) TA = –40°C to +85°C
F grade
±8
±40
pA/°C
G grade
±15
±60
IOS
Input offset current
F grade
±0.3
±1.5
nA
G grade
±0.3
±2.8
TA = –40°C to +85°C
F grade
±0.5
±2.2
G grade
±0.5
±4.5
NOISE
Input bias current drift(2)
F grade
±1.5
±40
pA/°C
G grade
±1.5
±85
Input voltage noise
f =1 Hz to 100 Hz(3)
85
150
nVrms
Input current noise
f =1 Hz to 100 Hz
45
pArms
INPUT VOLTAGE
VCM
Common-mode voltage
range(4)
±13
±14
V
TA = –40°C to +85°C
±13
±13.5
CMRR
Common-mode rejection
ratio
VCM = ±13 V
F grade
130
140
dB
G grade
115
140
VCM = ±13 V
TA = –40°C to +85°C
F grade
120
140
G grade
110
140
INPUT IMPEDANCE
Rin
Input resistance
Differential mode(5)
F grade
26
45
MΩ
G grade
18.5
45
Common-mode
200
GΩ
www.ti.com
OPA177
SBOS008A – SEPTEMBER 2000 – REVISED SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: OPA177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com