Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA177GS/2K5 Datasheet(PDF) 4 Page - Texas Instruments

Part # OPA177GS/2K5
Description  OPA177 0.1-μV/°C Offset Drift, 10-μV Offset, Low-Noise, Bipolar Operational Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA177GS/2K5 Datasheet(HTML) 4 Page - Texas Instruments

  OPA177GS/2K5 Datasheet HTML 1Page - Texas Instruments OPA177GS/2K5 Datasheet HTML 2Page - Texas Instruments OPA177GS/2K5 Datasheet HTML 3Page - Texas Instruments OPA177GS/2K5 Datasheet HTML 4Page - Texas Instruments OPA177GS/2K5 Datasheet HTML 5Page - Texas Instruments OPA177GS/2K5 Datasheet HTML 6Page - Texas Instruments OPA177GS/2K5 Datasheet HTML 7Page - Texas Instruments OPA177GS/2K5 Datasheet HTML 8Page - Texas Instruments OPA177GS/2K5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
VS
Supply voltage, VS = (V+) – (V–)
40
V
Input voltage
(V–)
(V+)
V
Differential input voltage
–30
30
V
ISC
Output short circuit(2)
Continuous
TJ
Junction temperature
150
°C
TSTG
Storage temperature
–65
125
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress
ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
(2)
Short-circuit to ground, one amplifier per package.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1000
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VS
Supply voltage, VS = (V+) – (V–)
Single supply
6
30
36
V
Dual supply
±3
±15
±18
TA
Ambient temperature
–40
85
°C
6.4 Thermal Information
THERMAL METRIC(1)
OPA177
UNIT
D (SOIC)
P (PDIP)
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
160.0
100.0
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report
OPA177
SBOS008A – SEPTEMBER 2000 – REVISED SEPTEMBER 2023
www.ti.com
4
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: OPA177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com