Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA177GS/2K5 Datasheet(PDF) 8 Page - Texas Instruments

Part # OPA177GS/2K5
Description  OPA177 0.1-μV/°C Offset Drift, 10-μV Offset, Low-Noise, Bipolar Operational Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA177GS/2K5 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA177GS/2K5 Datasheet HTML 4Page - Texas Instruments OPA177GS/2K5 Datasheet HTML 5Page - Texas Instruments OPA177GS/2K5 Datasheet HTML 6Page - Texas Instruments OPA177GS/2K5 Datasheet HTML 7Page - Texas Instruments OPA177GS/2K5 Datasheet HTML 8Page - Texas Instruments OPA177GS/2K5 Datasheet HTML 9Page - Texas Instruments OPA177GS/2K5 Datasheet HTML 10Page - Texas Instruments OPA177GS/2K5 Datasheet HTML 11Page - Texas Instruments OPA177GS/2K5 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
6.6 Typical Characteristics (continued)
at TA = +25°C, VS = ±15 V (unless otherwise noted)
Figure 6-7. Open-Loop Gain/Phase vs Frequency
Figure 6-8. CMRR vs Frequency
Figure 6-9. Power Supply Rejection vs Frequency
Figure 6-10. Input Bias and Input Offset Current vs Temperature
Figure 6-11. Total Noise vs Bandwidth (0.1Hz to Frequency
Indicated)
Figure 6-12. Input Noise Voltage Density vs frequency
OPA177
SBOS008A – SEPTEMBER 2000 – REVISED SEPTEMBER 2023
www.ti.com
8
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: OPA177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com