Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1404YZP Datasheet(PDF) 16 Page - Texas Instruments

Part # SN74LVC1404YZP
Description  SN74LVC1404 Oscillator Driver for Crystal Oscillator or Ceramic Resonator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC1404YZP Datasheet(HTML) 16 Page - Texas Instruments

Back Button SN74LVC1404YZP Datasheet HTML 12Page - Texas Instruments SN74LVC1404YZP Datasheet HTML 13Page - Texas Instruments SN74LVC1404YZP Datasheet HTML 14Page - Texas Instruments SN74LVC1404YZP Datasheet HTML 15Page - Texas Instruments SN74LVC1404YZP Datasheet HTML 16Page - Texas Instruments SN74LVC1404YZP Datasheet HTML 17Page - Texas Instruments SN74LVC1404YZP Datasheet HTML 18Page - Texas Instruments SN74LVC1404YZP Datasheet HTML 19Page - Texas Instruments SN74LVC1404YZP Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
RS = 220 kW
0
3
2.5
2
1.5
1
0.5
0
5
10
15
20
RS = 100 kW
RS = 50 kW
Time − ms
3.5
16
SN74LVC1404
SCES469F – AUGUST 2003 – REVISED MARCH 2020
www.ti.com
Product Folder Links: SN74LVC1404
Submit Documentation Feedback
Copyright © 2003–2020, Texas Instruments Incorporated
10.2.3.4 LVC1404 in 100-kHz Crystal-Oscillator Circuit
C1 ≈ C2 = 30 pF
(10)
XC2 = 48 kΩ (capacitive reactance at resonance frequency, that is, 100 kHz)
(11)
VCC = 3.3 V
(12)
Figure 8. Effect of RS on Oscillator Waveform (Frequency = 100 kHz)
Table 6. Effect of RS on Duty Cycle and ICC
(Frequency = 100 kHz)
RS
(Ω)
ICC
(mA)
Positive Duty Cycle
(%)
50 k
9
46.4
100 k
9.5
46.1
220 k
13.7
44.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com