Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1404YZP Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74LVC1404YZP
Description  SN74LVC1404 Oscillator Driver for Crystal Oscillator or Ceramic Resonator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC1404YZP Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC1404YZP Datasheet HTML 1Page - Texas Instruments SN74LVC1404YZP Datasheet HTML 2Page - Texas Instruments SN74LVC1404YZP Datasheet HTML 3Page - Texas Instruments SN74LVC1404YZP Datasheet HTML 4Page - Texas Instruments SN74LVC1404YZP Datasheet HTML 5Page - Texas Instruments SN74LVC1404YZP Datasheet HTML 6Page - Texas Instruments SN74LVC1404YZP Datasheet HTML 7Page - Texas Instruments SN74LVC1404YZP Datasheet HTML 8Page - Texas Instruments SN74LVC1404YZP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
CTRL
XOUT
OSCOUT
1
2
7
Y
6
XIN
3
5
A
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
SN74LVC1404
SCES469F – AUGUST 2003 – REVISED MARCH 2020
SN74LVC1404 Oscillator Driver for Crystal Oscillator or Ceramic Resonator
1
1 Features
1
•
Available in the Texas Instruments
NanoFree™ package
•
Supports 5-V VCC operation
•
Inputs accept voltages to 5.5 V
•
One buffered inverter with Schmitt-trigger input
and two unbuffered inverters
•
Integrated solution for oscillator applications
•
Suitable for commonly used clock frequencies:
–
15 kHz, 3.58 MHz, 4.43 MHz, 13 MHz,
25 MHz, 26 MHz, 27 MHz, 28 MHz
•
Control input to disable the oscillator circuit
•
Low power consumption (10-µA Max ICC) in
standby state
•
±24-mA Output Drive at 3.3 V
•
Ioff supports live insertion, partial-power-down
mode, and back-drive protection
•
Latch-up performance exceeds 100 mA
Per JESD 78, Class II
•
ESD protection exceeds JESD 22
–
2000-V Human-body model (A114-A)
–
200-V Machine model (A115-A)
–
1000-V Charged-device model (C101)
2 Applications
•
Servers
•
PCs and notebooks
•
Network switches
•
Wearable health and fitness devices
•
Telecom infrastructures
•
Electronic points-of-sale
3 Description
The SN74LVC1404 device consists of one inverter
with a Schmitt-trigger input and two unbuffered
inverters. It is designed for 1.65-V to 5.5-V VCC
operation.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SN74LVC1404DCT
SM8 (8)
2.95 mm × 2.80 mm
SN74LVC1404DCU
VSSOP (8)
2.30 mm × 2.00 mm
SN74LVC1404YZP
DSBGA (8)
1.88 mm × 0.88 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
4 Simplified Schematic


Similar Part No. - SN74LVC1404YZP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1404YZPR TI-SN74LVC1404YZPR Datasheet
309Kb / 16P
OSCILLATOR DRIVER FOR CRYSTAL OSCILLATOR OR CERAMIC RESONATOR
SN74LVC1404YZPR TI-SN74LVC1404YZPR Datasheet
466Kb / 17P
OSCILLATOR DRIVER FOR CRYSTAL OSCILLATOR OR CERAMIC RESONATOR
SN74LVC1404YZPR TI-SN74LVC1404YZPR Datasheet
565Kb / 18P
OSCILLATOR DRIVER FOR CRYSTAL OSCILLATOR OR CERAMIC RESONATOR
More results

Similar Description - SN74LVC1404YZP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1GX04 TI-SN74LVC1GX04 Datasheet
301Kb / 13P
CRYSTAL OSCILLATOR DRIVER
SN74LVC1404 TI-SN74LVC1404 Datasheet
309Kb / 16P
OSCILLATOR DRIVER FOR CRYSTAL OSCILLATOR OR CERAMIC RESONATOR
logo
Abracon Corporation
ASVK ABRACON-ASVK Datasheet
186Kb / 2P
CERAMIC SMD CRYSTAL OSCILLATOR
4.05.07
logo
Texas Instruments
SN74LVC1404 TI-SN74LVC1404_07 Datasheet
466Kb / 17P
OSCILLATOR DRIVER FOR CRYSTAL OSCILLATOR OR CERAMIC RESONATOR
SN74LVC1404 TI-SN74LVC1404_09 Datasheet
565Kb / 18P
OSCILLATOR DRIVER FOR CRYSTAL OSCILLATOR OR CERAMIC RESONATOR
SN74LVC1GX04 TI1-SN74LVC1GX04_06 Datasheet
718Kb / 19P
CRYSTAL OSCILLATOR DRIVER
DECEMBER2006
SN74LVC1GX04-EP TI1-SN74LVC1GX04-EP Datasheet
442Kb / 15P
CRYSTAL OSCILLATOR DRIVER
SN74LVC1GX04 TI1-SN74LVC1GX04_15 Datasheet
1Mb / 27P
Crystal Oscillator Driver
logo
ATMEL Corporation
8128B ATMEL-8128B Datasheet
147Kb / 5P
Typical Crystal/Resonator Oscillator
logo
NXP Semiconductors
68HC705C5 NXP-68HC705C5 Datasheet
4Mb / 74P
On-Chip Oscillator with Crystal/Ceramic Resonator
REV. 1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com