Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1404YZP Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74LVC1404YZP
Description  SN74LVC1404 Oscillator Driver for Crystal Oscillator or Ceramic Resonator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC1404YZP Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LVC1404YZP Datasheet HTML 2Page - Texas Instruments SN74LVC1404YZP Datasheet HTML 3Page - Texas Instruments SN74LVC1404YZP Datasheet HTML 4Page - Texas Instruments SN74LVC1404YZP Datasheet HTML 5Page - Texas Instruments SN74LVC1404YZP Datasheet HTML 6Page - Texas Instruments SN74LVC1404YZP Datasheet HTML 7Page - Texas Instruments SN74LVC1404YZP Datasheet HTML 8Page - Texas Instruments SN74LVC1404YZP Datasheet HTML 9Page - Texas Instruments SN74LVC1404YZP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
6
SN74LVC1404
SCES469F – AUGUST 2003 – REVISED MARCH 2020
www.ti.com
Product Folder Links: SN74LVC1404
Submit Documentation Feedback
Copyright © 2003–2020, Texas Instruments Incorporated
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
(2)
VIL = 0 V and VIH = VCC for XOUT and OSCOUT; the standard VT+ and VT– levels should be applied for the Y output.
7.5 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP(1)
MAX
UNIT
VT+
Positive-
going
threshold
A input
1.65 V
0.79
1.16
V
2.3 V
1.11
1.56
3 V
1.5
1.87
4.5 V
2.16
2.74
5.5 V
2.61
3.33
VT–
Negative-
going
threshold
A input
1.65 V
0.39
0.62
V
2.3 V
0.58
0.87
3 V
0.84
1.14
4.5 V
1.41
1.79
5.5 V
1.87
2.29
ΔVT
hysteresis
(VT+ – VT– )
A input
1.65 V
0.37
0.62
V
2.3 V
0.48
0.77
3 V
0.56
0.87
4.5 V
0.71
1.04
5.5 V
0.71
1.11
VOH
(2)
IOH = –100 µA
1.65 V to 5.5 V
VCC – 0.1
V
IOH = –4 mA
1.65 V
1.2
IOH = –8 mA
2.3 V
1.9
IOH = –16 mA
3 V
2.4
IOH = –24 mA
3 V
2.3
IOH = –32 mA
4.5 V
3.8
VOL
(2)
IOL = 100 µA
1.65 V to 5.5 V
0.1
V
IOL = 4 mA
1.65 V
0.45
IOL = 8 mA
2.3 V
0.3
IOL = 16 mA
3 V
0.4
IOL = 24 mA
3 V
0.55
IOL = 32 mA
4.5 V
0.55
VOL
XOUT
IOL = 100 µA
CTRL = Low, XIN = GND
1.65 V to 5.5 V
0.1
V
IOL = 2 mA
1.65 V
0.65
II
All inputs
VI = 5.5 V or GND
0 to 5.5 V
±5
µA
Ioff
Y output
VI or VO = 0 to 5.5 V
0
±10
µA
ICC
VI = VCC or GND,
IO = 0
1.65 V to 5.5 V
10
µA
ΔICC
CTRL and A
inputs
One input at VCC – 0.6 V,
Other inputs at VCC or GND
3 V to 5.5 V
500
µA
Ci
CTRL and A
inputs
VI = VCC or GND
3.3 V
3.5
pF
XIN
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com