Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC2G66DCUTE4 Datasheet(PDF) 13 Page - Texas Instruments

Part # SN74LVC2G66DCUTE4
Description  SN74LVC2G66 Dual Bilateral Analog Switch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC2G66DCUTE4 Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN74LVC2G66DCUTE4 Datasheet HTML 9Page - Texas Instruments SN74LVC2G66DCUTE4 Datasheet HTML 10Page - Texas Instruments SN74LVC2G66DCUTE4 Datasheet HTML 11Page - Texas Instruments SN74LVC2G66DCUTE4 Datasheet HTML 12Page - Texas Instruments SN74LVC2G66DCUTE4 Datasheet HTML 13Page - Texas Instruments SN74LVC2G66DCUTE4 Datasheet HTML 14Page - Texas Instruments SN74LVC2G66DCUTE4 Datasheet HTML 15Page - Texas Instruments SN74LVC2G66DCUTE4 Datasheet HTML 16Page - Texas Instruments SN74LVC2G66DCUTE4 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
1B
1C
1A
1
7
2
One of Two Switches
13
SN74LVC2G66
www.ti.com
SCES325N – JULY 2001 – REVISED AUGUST 2018
Product Folder Links: SN74LVC2G66
Submit Documentation Feedback
Copyright © 2001–2018, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
This dual bilateral analog switch is designed for 1.65-V to 5.5-V VCC operation. Robust LVC family technology
allows this device to accept input voltages without connecting power to VCC.
The SN74LVC2G66 device permits signals with amplitudes of up to 5.5 V (peak) to be transmitted in either
direction. A high-level voltage applied to the control pin C enables the respective switch to begin propagating
signals across the device. A low-level voltage disables this transmission. Each device incorporates two switches
with independent control and operation.
8.2 Functional Block Diagram
8.3 Feature Description
Each switch section has its own enable-input control (C). A high-level voltage applied to C turns on the
associated switch section. When C is this Signals can pass through A to B or B to A. Low ON-resistance of 6 Ω
at 4.5-V VCC is ideal for analog signal conditioning systems. The control signals can accept voltages up to 5.5 V
without VCC connected in the system. Combination of lower tpd of 0.8 ns at 3.3 V and low enable and disable time
make this part suitable for high-speed signal switching applications.
8.4 Device Functional Modes
Table 1 lists the functional modes of the SN74LVC2G66.
Table 1. Function Table
CONTROL
INPUT
(C)
SWITCH
L
Off
H
On



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com