Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC2G66DCUTE4 Datasheet(PDF) 10 Page - Texas Instruments

Part # SN74LVC2G66DCUTE4
Description  SN74LVC2G66 Dual Bilateral Analog Switch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC2G66DCUTE4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74LVC2G66DCUTE4 Datasheet HTML 6Page - Texas Instruments SN74LVC2G66DCUTE4 Datasheet HTML 7Page - Texas Instruments SN74LVC2G66DCUTE4 Datasheet HTML 8Page - Texas Instruments SN74LVC2G66DCUTE4 Datasheet HTML 9Page - Texas Instruments SN74LVC2G66DCUTE4 Datasheet HTML 10Page - Texas Instruments SN74LVC2G66DCUTE4 Datasheet HTML 11Page - Texas Instruments SN74LVC2G66DCUTE4 Datasheet HTML 12Page - Texas Instruments SN74LVC2G66DCUTE4 Datasheet HTML 13Page - Texas Instruments SN74LVC2G66DCUTE4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
VCC
VO
GND
B or A
C
A or B
VCC
VC
VIH
RL
CL
50
Ω
0.1
µF
(On)
VCC/2
RL/CL: 600 Ω/50 pF
RL/CL: 50 Ω/5 pF
fin
VCC
VO
GND
(On)
B or A
C
A or B
VCC
VIH
VC
A
VI = VCC or GND
VO = Open
10
SN74LVC2G66
SCES325N – JULY 2001 – REVISED AUGUST 2018
www.ti.com
Product Folder Links: SN74LVC2G66
Submit Documentation Feedback
Copyright © 2001–2018, Texas Instruments Incorporated
Parameter Measurement Information (continued)
Figure 5. ON-State Leakage-Current Test Circuit
Figure 6. Frequency Response (Switch On)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com