Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC2G66DCUTE4 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74LVC2G66DCUTE4
Description  SN74LVC2G66 Dual Bilateral Analog Switch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC2G66DCUTE4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC2G66DCUTE4 Datasheet HTML 1Page - Texas Instruments SN74LVC2G66DCUTE4 Datasheet HTML 2Page - Texas Instruments SN74LVC2G66DCUTE4 Datasheet HTML 3Page - Texas Instruments SN74LVC2G66DCUTE4 Datasheet HTML 4Page - Texas Instruments SN74LVC2G66DCUTE4 Datasheet HTML 5Page - Texas Instruments SN74LVC2G66DCUTE4 Datasheet HTML 6Page - Texas Instruments SN74LVC2G66DCUTE4 Datasheet HTML 7Page - Texas Instruments SN74LVC2G66DCUTE4 Datasheet HTML 8Page - Texas Instruments SN74LVC2G66DCUTE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
1B
1C
1A
1
7
2
One of Two Switches
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
SN74LVC2G66
SCES325N – JULY 2001 – REVISED AUGUST 2018
SN74LVC2G66 Dual Bilateral Analog Switch
1
1 Features
1
•
Available in the Texas Instruments
NanoFree™ Package
•
1.65-V to 5.5-V VCC Operation
•
Inputs Accept Voltages to 5.5 V
•
Max tpd of 0.8 ns at 3.3 V
•
High On-Off Output Voltage Ratio
•
High Degree of Linearity
•
High Speed, Typically 0.5 ns
(VCC = 3 V, CL = 50 pF)
•
Rail-to-Rail Input/Output
•
Low ON-State Resistance, Typically
≉6 Ω
(VCC = 4.5 V)
•
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
2 Applications
•
Wireless Devices
•
Audio and Video Signal Routing
•
Portable Computing
•
Wearable Devices
•
Signal Gating, Chopping, Modulation or
Demodulation (Modem)
•
Signal Multiplexing for Analog-to-Digital and
Digital-to-Analog Conversion Systems
3 Description
This dual bilateral analog switch is designed for
1.65-V to 5.5-V VCC operation.
The SN74LVC2G66 device can handle both analog
and
digital
signals.
The
SN74LVC2G66
device
permits signals with amplitudes of up to 5.5 V (peak)
to be transmitted in either direction.
NanoFree
package
technology
is
a
major
breakthrough in IC packaging concepts, using the die
as the package.
Each switch section has its own enable-input control
(C). A high-level voltage applied to C turns on the
associated switch section.
Applications
include
signal
gating,
chopping,
modulation or demodulation (modem), and signal
multiplexing for analog-to-digital and digital-to-analog
conversion systems.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SN74LVC2G66DCT
SSOP (8)
2.95 mm × 2.80 mm
SN74LVC2G66DCU
VSSOP (8)
2.30 mm × 2.00 mm
SN74LVC2G66YZP
DSBGA (8)
1.91 mm × 0.91 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Logic Diagram, Each Switch (Positive Logic)


Similar Part No. - SN74LVC2G66DCUTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G66DCUTE4 TI-SN74LVC2G66DCUTE4 Datasheet
433Kb / 19P
DUAL BILATERAL ANALOG SWITCH
SN74LVC2G66DCUTE4 TI-SN74LVC2G66DCUTE4 Datasheet
585Kb / 19P
DUAL BILATERAL ANALOG SWITCH
SN74LVC2G66DCUTE4 TI1-SN74LVC2G66DCUTE4 Datasheet
981Kb / 23P
SN74LVC2G66 Dual Bilateral Analog Switch
More results

Similar Description - SN74LVC2G66DCUTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC2G66 TI-SN74AUC2G66 Datasheet
323Kb / 16P
DUAL BILATERAL ANALOG SWITCH
SN74LVC2G66 TI-SN74LVC2G66 Datasheet
433Kb / 19P
DUAL BILATERAL ANALOG SWITCH
SN74AUC2G66 TI-SN74AUC2G66_08 Datasheet
459Kb / 18P
DUAL BILATERAL ANALOG SWITCH
SN74LVC2G66 TI-SN74LVC2G66_07 Datasheet
585Kb / 19P
DUAL BILATERAL ANALOG SWITCH
logo
Unisonic Technologies
U74LVC2G66 UTC-U74LVC2G66 Datasheet
247Kb / 10P
DUAL BILATERAL ANALOG SWITCH
logo
Texas Instruments
SN74LVC2G66-Q1 TI1-SN74LVC2G66-Q1_14 Datasheet
868Kb / 19P
DUAL BILATERAL ANALOG SWITCH
SN74LVC2G66 TI1-SN74LVC2G66_14 Datasheet
981Kb / 23P
SN74LVC2G66 Dual Bilateral Analog Switch
SN74AUC2G66 TI-SN74AUC2G66_15 Datasheet
845Kb / 21P
DUAL BILATERAL ANALOG SWITCH
SN74LVC2G66 TI-SN74LVC2G66_15 Datasheet
991Kb / 27P
SN74LVC2G66 Dual Bilateral Analog Switch
logo
Unisonic Technologies
U74LVC2G66 UTC-U74LVC2G66_15 Datasheet
297Kb / 10P
DUAL BILATERAL ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com