Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC2G66DCUTE4 Datasheet(PDF) 11 Page - Texas Instruments

Part # SN74LVC2G66DCUTE4
Description  SN74LVC2G66 Dual Bilateral Analog Switch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC2G66DCUTE4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74LVC2G66DCUTE4 Datasheet HTML 7Page - Texas Instruments SN74LVC2G66DCUTE4 Datasheet HTML 8Page - Texas Instruments SN74LVC2G66DCUTE4 Datasheet HTML 9Page - Texas Instruments SN74LVC2G66DCUTE4 Datasheet HTML 10Page - Texas Instruments SN74LVC2G66DCUTE4 Datasheet HTML 11Page - Texas Instruments SN74LVC2G66DCUTE4 Datasheet HTML 12Page - Texas Instruments SN74LVC2G66DCUTE4 Datasheet HTML 13Page - Texas Instruments SN74LVC2G66DCUTE4 Datasheet HTML 14Page - Texas Instruments SN74LVC2G66DCUTE4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
VCC
VO
GND
B or A
C
A or B
VCC
VC
CL
50 pF
50
Ω
VCC/2
VCC/2
Rin
600
Ω
RL
600
Ω
VCC
VO1
1B or 1A
C
1A or 1B
VCC
VC
VIH
CL
50 pF
50
Ω
0.1
µF
(On)
VCC/2
20log10(VO2/VI1) or
20log10(VO1/VI2)
fin
RL
600
Ω
Rin
600
Ω
VO2
GND
2B or 2A
C
2A or 2B
VC
VIL
Rin
600
Ω
(Off)
VCC/2
RL
600
Ω
CL
50 pF
11
SN74LVC2G66
www.ti.com
SCES325N – JULY 2001 – REVISED AUGUST 2018
Product Folder Links: SN74LVC2G66
Submit Documentation Feedback
Copyright © 2001–2018, Texas Instruments Incorporated
Parameter Measurement Information (continued)
Figure 7. Crosstalk (Between Switches)
Figure 8. Crosstalk (Control Input, Switch Output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com