Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS3202 Datasheet(PDF) 28 Page - Texas Instruments

Part # TAS3202
Description  AUDIO DSP WITH ANALOG INTERFACE
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS3202 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TAS3202 Datasheet HTML 24Page - Texas Instruments TAS3202 Datasheet HTML 25Page - Texas Instruments TAS3202 Datasheet HTML 26Page - Texas Instruments TAS3202 Datasheet HTML 27Page - Texas Instruments TAS3202 Datasheet HTML 28Page - Texas Instruments TAS3202 Datasheet HTML 29Page - Texas Instruments TAS3202 Datasheet HTML 30Page - Texas Instruments TAS3202 Datasheet HTML 31Page - Texas Instruments TAS3202 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 69 page
background image
TAS3202
SLES208B – JUNE 2009 – REVISED MARCH 2011
www.ti.com
Table 6-6. TAS3202 Memory Block Structures
STARTING
DATA BLOCK FORMAT
SIZE
NOTES
BYTE
12-Byte Header Block
Checksum code MS byte
Checksum of bytes 2 through N + 12.
0
2 bytes
If this is a termination header, this value is 00 00
Checksum code LS byte
Header ID byte 1 = 0x00
Must be 0x001F for the TAS3202 to load as part of
2
2 bytes
initialization. Any other value terminates the initialization
Header ID byte 2 = 0x1F
memory load sequence.
0x00 – Microprocessor program memory or termination
header
0x01 – Microprocessor external data memory
0x02 – Audio DSP core program memory
4
Memory to be loaded
1 byte
0x03 – Audio DSP core coefficient memory
0x04 – Audio DSP core data memory
0x05–06 – Audio DSP upper program memory
0x07 – Audio DSP upper coefficient memory
0x08–FF – Reserved for future expansion
5
0x00
1 byte
Unused
Start TAS3202 memory address MS byte
6
2 bytes
If this is a termination header, this value is 0000.
Start TAS3202 memory address LS byte
Total number of bytes transferred MS byte
12 + data bytes + last checksum bytes. If this is a
8
2 bytes
termination header, this value is 0000.
Total number of bytes transferred LS byte
10
0x00
1 bytes
Unused
11
0x00
1 bytes
Unused
Data Block for Microprocessor Program or Data Memory (Following 12-Byte Header)
Data byte 1 (LS byte)
Data byte 2
12
4 bytes
1–4 microprocessor bytes
Data byte 3
Data byte 4 (MS byte)
Data byte 5
Data byte 6
16
4 bytes
5–8 microprocessor bytes
Data byte 7
Data byte 8
•
•
•
Data byte 4×(Z – 1) + 1
Data byte 4×(Z – 1) + 2
N + 8
4 bytes
Data byte 4×(Z – 1) + 3
Data byte 4×(Z – 1) + 4 = N
0x00
0x00
N + 12
4 bytes
Repeated checksum bytes 2 through N + 11
Checksum code MS byte
Checksum code LS byte
28
Microprocessor Controller
Copyright © 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TAS3202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com