Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS3202 Datasheet(PDF) 8 Page - Texas Instruments

Part # TAS3202
Description  AUDIO DSP WITH ANALOG INTERFACE
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS3202 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TAS3202 Datasheet HTML 4Page - Texas Instruments TAS3202 Datasheet HTML 5Page - Texas Instruments TAS3202 Datasheet HTML 6Page - Texas Instruments TAS3202 Datasheet HTML 7Page - Texas Instruments TAS3202 Datasheet HTML 8Page - Texas Instruments TAS3202 Datasheet HTML 9Page - Texas Instruments TAS3202 Datasheet HTML 10Page - Texas Instruments TAS3202 Datasheet HTML 11Page - Texas Instruments TAS3202 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 69 page
background image
TAS3202
SLES208B – JUNE 2009 – REVISED MARCH 2011
www.ti.com
3.2
Terminal Descriptions
TERMINAL
INPUT/
PULLUP/
DESCRIPTION
OUTPUT(1)
PULLDOWN(2)
NAME
NO.
AIN1LM
13
Analog input
Pull to VMID(3)
Analog input, channel 1, left, – input
AIN1LP
12
Analog input
Analog input, channel 1, left, + input
AIN1RM
15
Analog input
Pull to VMID(3)
Analog input, channel 1, right, – input
AIN1RP
14
Analog input
Analog input, channel 1, right, + input
AIN2LM
17
Analog input
Pull to VMID(3)
Analog input, channel 2, left, – input
AIN2LP
16
Analog input
Analog input, channel 2, left, + input
AIN2RM
19
Analog input
Pull to VMID(3)
Analog input, channel 2, right, – input
AIN2RP
18
Analog input
Analog input, channel 2, right, + input
AOUTLM
33
Analog output
Analog output, channel 1, left, – output
AOUTLP
34
Analog output
Analog output, channel 1, left, + output
AOUTRM
35
Analog output
Analog output, channel 1, right, – output
AOUTRP
36
Analog output
Analog output, channel 1, right, + output
3.3-V analog power supply. This pin must be decoupled according to
AVDD1
24
Power
good design practices.
AVSS1
11
Power
Analog supply ground
3.3-V analog power supply. This pin must be decoupled according to
AVDD2
28
Power
good design practices.
AVSS2
37
Power
Analog supply ground
3.3-V analog power supply. This pin must be decoupled according to
AVDD3
40
Power
good design practices.
AVSS3
38
Power
Analog supply ground
CS0
6
Digital input
I2C Chip select
3.3-V digital power supply. This pin must be decoupled according to
DVDD1
9
Power
good design practices.
DVSS1
8
Power
Digital supply ground
3.3-V digital power supply. This pin must be decoupled according to
DVDD2
45
Power
good design practices.
DVSS2
44
Power
Digital supply ground
3.3-V digital power supply. This pin must be decoupled according to
DVDD3
57
Power
good design practices.
DVSS3
56
Power
Digital supply ground
GPIO1
4
Digital I/O
General-purpose input/output
GPIO2
3
Digital I/O
General-purpose input/output
Slave I2C serial clock input/output. Normally connected to the system
I2C1_SCL
1
Digital I/O
microprocessor.
Slave I2C serial control data interface input/output. Normally connected
I2C1_SDA
2
Digital I/O
to system micro.
I2C2_SCL
64
Digital output
Master I2C serial clock output. Normally connected to EEPROM.
Master I2C serial control data interface input/output. Normally
I2C2_SDA
63
Digital I/O
connected to EEPROM.
LRCLK_IN
58
Digital input
Pulldown
Serial data input left/right clock for I2S interface
LRCLK_OUT
51
Digital output
Serial data output left/right clock for I2S interface
MCLK input is used in slave mode. MCLK_IN must be locked to
MCLK_IN
43
Digital input
Pulldown
LRCLK_IN, and the frequency is 512Fs (24.576 MHz for 48-kHz Fs).
MCLK_OUT1
48
Digital output
12.288-MHz clock output. This output is valid even when reset is LOW.
(1)
I = input; O = output
(2)
All pullups are 20-
μA weak pullups, and all pulldowns are 20-μA weak pulldowns. The pullups and pulldowns are included to ensure
proper input logic levels if the terminals are left unconnected (pullups
→ logic 1 input; pulldowns → logic 0 input). Devices that drive
inputs with pullups must be able to sink 20
μA while maintaining a logic-0 drive level. Devices that drive inputs with pulldowns must be
able to source 20
μA while maintaining a logic-1 drive level.
(3)
Pull to VMID when analog input is in single-ended mode.
8
Physical Characteristics
Copyright © 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TAS3202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com