Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS3202 Datasheet(PDF) 32 Page - Texas Instruments

Part # TAS3202
Description  AUDIO DSP WITH ANALOG INTERFACE
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS3202 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TAS3202 Datasheet HTML 28Page - Texas Instruments TAS3202 Datasheet HTML 29Page - Texas Instruments TAS3202 Datasheet HTML 30Page - Texas Instruments TAS3202 Datasheet HTML 31Page - Texas Instruments TAS3202 Datasheet HTML 32Page - Texas Instruments TAS3202 Datasheet HTML 33Page - Texas Instruments TAS3202 Datasheet HTML 34Page - Texas Instruments TAS3202 Datasheet HTML 35Page - Texas Instruments TAS3202 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 69 page
background image
TAS3202
SLES208B – JUNE 2009 – REVISED MARCH 2011
www.ti.com
7
Digital Audio Processor (DAP) Arithmetic Unit
The DAP arithmetic unit is a fixed-point computational engine consisting of an arithmetic unit and data and
coefficient memory blocks. The primary features of the DAP are:
•
Two-pipe parallel processing architecture
–
48-bit data path with 76-bit accumulator
–
Hardware single cycle multiplier (28×48)
–
Three 48-bit general-purpose data registers and one 28-bit coefficient register
–
Four simultaneous operations per machine cycle
–
Shift right, shift left, and bimodal clip
–
Log2/Alog2
–
Magnitude Truncation
•
Hardware acceleration units
–
Soft volume controller
–
Delay memory
–
Dither generator
–
Log2/2× estimator
•
1024 + 768 dual-port ports words of data (24 and 48 bits, respectively)
•
1228 words of coefficient memory (28 bits)
•
3K word of program RAM (55 bits)
•
5.88K words of 24-bits delay memory (1.22 ms)
•
Coefficient RAM, data RAM, LFSR seed, program counter, and memory pointers are all mapped into
the same memory space for convenient addressing by the microcontroller.
•
Memory interface block contains four pointers, two for data memory and two for coefficient memory.
32
Digital Audio Processor (DAP) Arithmetic Unit
Copyright © 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TAS3202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com